công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 14CEC-1602-R

  • AI
    ### Overview of the 14CEC-1602-R The **14CEC-1602-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, primarily used for energy storage and filtering in DC-DC converters. --- ### Technical Specifications Below is a breakdown of the typical technical parameters for this series of inductors: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 1.6 µH (approximate based on part number suffix) | | **Tolerance** | ±20% | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Shielded (Wire-wound) | | **Operating Temperature** | -40°C to +125°C | | **Current Rating (I-sat)** | High Saturation Current | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### Key Features * **Magnetic Shielding:** The "CEC" series usually features a shielded construction, which minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Low Profile:** Designed for compact electronic devices where vertical space is limited. * **High Efficiency:** Features low DC Resistance (DCR) to minimize power loss and heat generation during operation. * **RoHS Compliant:** The "-R" suffix confirms that the part meets environmental standards for lead-free production. --- ### Common Applications This inductor is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used in Buck, Boost, and Buck-Boost regulators to smooth current flow. 2. **Portable Electronics:** Integrated into smartphones, tablets, and laptops due to its small footprint. 3. **Power Supplies:** Used in VRM (Voltage Regulator Modules) for CPUs and GPUs. 4. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. --- ### Comparison with Similar Inductors ```yaml Comparison_Factors: - Part_Number: 14CEC-1602-R Shielding: Yes Primary_Use: Power Management - Part_Number: Standard_Unshielded Shielding: No Primary_Use: General Purpose / Cost Sensitive ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the 14CEC-1602-R?
    • ⤷ Can you provide the physical dimensions (footprint) for this inductor?
    • ⤷ What are the recommended soldering profile temperatures for this component?