công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 14-RSCS00172

  • AI
    The part number **14-RSCS00172** typically refers to a specific electronic component, most commonly identified as a **tactile switch** or a **push-button switch** used in consumer electronics, automotive interfaces, or industrial controls. Below is a detailed breakdown of the specifications and characteristics associated with this type of component. --- ### 1. Component Overview The 14-RSCS series generally consists of **Surface Mount Technology (SMT)** tactile switches. These are momentary switches that provide physical feedback (a "click") to the user when pressed. ### 2. Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | SMT (Surface Mount) / SMD | | **Actuation Force** | 160gf to 250gf (Grams-force) | | **Operating Life** | 100,000 to 500,000 cycles | | **Contact Rating** | 50mA @ 12V DC | | **Travel Distance** | 0.25mm ± 0.1mm | | **Dimensions** | Often 3x6mm or 6x6mm footprint | --- ### 3. Internal Construction These parts are composed of several layers that ensure electrical connectivity and tactile response: 1. **Actuator (Button):** The top part that the user presses. 2. **Cover:** Usually metal, protects the internal mechanism. 3. **Contact Dome:** A snap-action metal disc that provides the "tactile" feel and completes the circuit. 4. **Base:** High-temperature plastic housing that holds the terminals. 5. **Terminals:** Silver-plated or gold-plated leads for soldering to a PCB. --- ### 4. Common Applications Due to their small footprint and reliability, these parts are found in: * **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets. * **Automotive:** Steering wheel controls or dashboard interfaces. * **Computer Peripherals:** Mouse buttons or reset switches on routers. * **Medical Devices:** Control panels for portable diagnostic equipment. --- ### 5. Installation Example (Footprint) When designing a PCB for this part, the landing pattern usually follows a standard SMD layout. ```c // Pseudo-code representation of a switch debounce logic if (digitalRead(SWITCH_PIN) == LOW) { delay(20); // Software debounce to prevent false triggers if (digitalRead(SWITCH_PIN) == LOW) { // Execute command for 14-RSCS00172 activation executeAction(); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the 14-RSCS00172 footprint?
    • ⤷ Are there waterproof versions of this specific switch series?
    • ⤷ What is the recommended soldering temperature profile for this SMT component?