14-RSC441D1A2Z11
AI

The part number **14-RSC441D1A2Z11** refers to a high-performance **Rocker Switch** typically manufactured by companies like E-Switch or similar industrial component suppliers. This specific series is known for its robust construction and high current ratings.
### 1. Component Specifications
The following table outlines the technical characteristics based on the standard coding for the RSC series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Power Rocker Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | On-Off |
| **Current Rating** | 20A 125VAC / 16A 250VAC |
| **Termination Style** | Quick Connect (6.3mm tabs) |
| **Actuator Color** | Black (typically, based on standard "11" suffix) |
| **Mounting Type** | Panel Mount (Snap-in) |
---
### 2. Breakdown of the Part Number
While manufacturers vary slightly, the nomenclature generally breaks down as follows:
* **RSC4**: Refers to the series type (High current, rectangular footprint).
* **41**: Specific internal configuration and contact material (usually Silver).
* **D**: Indicates the terminal type (Quick Connect/Solder).
* **1A**: Represents the marking on the actuator (e.g., I/O symbols).
* **Z11**: Specific aesthetic details like housing color (Black) and actuator color (Black).
---
### 3. Key Applications
These switches are designed for heavy-duty electrical loads and are commonly found in:
1. **Industrial Equipment:** Power supplies, control panels, and machinery.
2. **Appliances:** High-draw devices like heaters, industrial vacuums, or ovens.
3. **Medical Devices:** Power entry modules for diagnostic equipment.
---
### 4. Installation & Safety
When integrating this component into a circuit, ensure the following:
* **Panel Cutout:** Ensure the rectangular hole in your chassis matches the RSC4 series dimensions (typically ~12.1mm x 27.2mm).
* **Heat Dissipation:** Because it handles up to 20A, ensure the wiring used is of a sufficient gauge (AWG 12 or 14) to prevent overheating at the terminals.
- ⤷What is the exact panel cutout dimension for the RSC4 series?
- ⤷ Does this switch support internal illumination (LED/Neon)?
- ⤷ What is the mechanical life expectancy (number of cycles) for this switch?