AI

The part number **14-RSC341D1000117** refers to a specific configuration of a **Rocker Switch** manufactured by **E-Switch**. It belongs to the **RSC series**, which is known for its high-current capacity and compact design.
---
### 1. Technical Specifications
Below are the primary technical characteristics for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | E-Switch |
| **Series** | RSC Series |
| **Switch Function** | SPST (Single Pole Single Throw) |
| **Circuitry** | Off-On |
| **Current Rating** | 20A 125VAC / 15A 250VAC |
| **Termination Style** | 6.3mm Quick Connect Tabs |
| **Mounting Type** | Panel Mount (Snap-in) |
| **Actuator Style** | Curved Rocker |
---
### 2. Breakdown of the Part Number
The long alphanumeric string is a code that defines the physical and electrical attributes of the switch:
* **RSC3**: Identifies the base series and size (Standard size high-power rocker).
* **4**: Represents the electrical rating (typically the 20A version).
* **1**: Denotes the Pole configuration (Single Pole).
* **D**: Indicates the switch function (Off-On).
* **1000**: Refers to the physical housing/actuator color (usually Black on Black).
* **117**: Usually refers to the specific marking on the rocker (e.g., I/O symbols) and the specific terminal plating or packaging.
---
### 3. Key Applications
Because of its high amperage rating and reliability, this part is commonly found in:
1. **Industrial Equipment:** Power supplies, control panels, and machinery.
2. **Appliances:** Vacuum cleaners, floor care equipment, and heaters.
3. **Medical Gear:** Diagnostic devices and laboratory equipment.
4. **Power Strips:** Heavy-duty surge protectors.
---
### 4. Installation and Safety
* **Snap-in Mounting:** The switch is designed to be pushed into a rectangular cutout in a panel where the integrated plastic ears lock it in place.
* **Heat Resistance:** The housing is typically made of Nylon 6/6, providing high thermal stability for high-current applications.
* **Certifications:** These switches generally carry **UL, CSA, and VDE** approvals, ensuring they meet international safety standards for electrical components.
- ⤷
What are the exact panel cutout dimensions for the RSC series?
- ⤷ Can this switch be used for DC applications instead of AC?
- ⤷ Does this specific model (117) come with an internal LED indicator?