công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 14-RSC241D1100

  • AI
    The **14-RSC241D1100** is a specific part number typically associated with a **Rocker Switch**. These components are widely used in power strips, appliances, and industrial equipment to manually connect or disconnect an electrical circuit. ### 1. Component Specifications Based on the standard nomenclature for this series, here are the primary technical specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | Rocker Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Switch Function** | ON - OFF | | **Current Rating** | Typically 15A to 20A @ 125VAC | | **Illumination** | Non-Illuminated (usually black/red actuator) | | **Mounting Type** | Panel Mount (Snap-in) | | **Termination Style** | Quick Connect / Solder Lug (0.250") | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer (such as E-Switch or ZF/Cherry), the code generally follows this structure: 1. **14-RSC**: Refers to the series family (RSC Series), known for high-current capacity and robust housing. 2. **241**: Indicates the physical dimensions and the internal contact configuration (SPST). 3. **D**: Usually denotes the terminal type (e.g., Quick Connect). 4. **1100**: Represents the color scheme and marking (e.g., Black body, Black actuator, no specific I/O legend). --- ### 3. Application and Usage Rocker switches like the 14-RSC241D1100 are chosen for their reliability in high-load environments. Common applications include: * **Power Supplies:** Main power toggle for desktop PCs or lab equipment. * **Consumer Electronics:** On/Off switches for vacuum cleaners or kitchen appliances. * **Industrial Panels:** Control interfaces for machinery where a tactile "click" is required for safety. --- ### 4. Technical Drawing (Conceptual) The mounting for this part usually requires a rectangular cutout in a panel. ```text [ Actuator ] /-----------\ | |---| | <-- Snap-in Bezel |____|___|____| | | <-- Terminals (Bottom) | | ```
    ✨ Follow-up Questions
    • ⤷ What is the exact panel cutout dimension for the RSC series?
    • ⤷ Does this model support 250VAC applications?
    • ⤷ Are there illuminated versions of the 14-RSC series available?