công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 14-RSC141D1100

  • AI
    The **14-RSC141D1100** is a specific model of a **Rocker Switch** manufactured by **E-Switch**. It is a heavy-duty, power-rated switch commonly used in appliances, industrial controls, and power strips. --- ### Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Circuit Type** | SPST (Single Pole Single Throw) | | **Switch Function** | Off-On | | **Current Rating** | 20A @ 125VAC / 15A @ 250VAC | | **Termination Style** | Quick Connect (0.250" / 6.3mm tabs) | | **Actuator Color** | Black | | **Illumination** | Non-Illuminated | | **Mounting Type** | Panel Mount, Snap-In | | **Operating Temperature** | -20°C to 105°C | --- ### Key Internal Components To understand the "electronic parts" within this switch, we can break it down into its mechanical and conductive elements: 1. **Housing (Body):** Made of Nylon (PA66), which provides high thermal resistance and electrical insulation to prevent arcing or short-circuiting to the panel. 2. **Actuator:** The "rocker" part that the user presses. It pivots on an internal fulcrum to change the state of the circuit. 3. **Stationary Contacts:** Silver-plated copper alloy terminals that remain fixed. Silver is used to ensure high conductivity and resistance to oxidation. 4. **Moving Contact (Bridges):** A conductive metal leaf that "snaps" between positions. The "snap-action" mechanism ensures a fast break/make to minimize electrical arcing, which extends the life of the switch. 5. **Spring Mechanism:** Usually a coil or leaf spring that provides the tactile "click" and ensures the contacts stay firmly pressed together when in the "On" position. ### Typical Applications * **Power Supplies:** Main power disconnect for desktop equipment. * **Appliances:** Vacuum cleaners, coffee makers, and space heaters. * **Industrial:** Control panels for heavy machinery requiring high amperage handling. --- ### Dimensions and Installation The RSC series typically fits a standard rectangular cutout. * **Cutout Dimensions:** Approximately 28.6mm x 13.9mm. * **Connection:** It uses standard spade connectors, making it easy to replace without soldering in most industrial applications.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPST and DPST rocker switches?
    • ⤷ How does silver plating improve the performance of electrical contacts?
    • ⤷ Can this switch be used for DC applications instead of AC?