137MDCL202KKG
AI

The part number **137MDCL202KKG** refers to a high-performance **Film Capacitor**, typically utilized in power electronics for DC-Link applications. Below is a detailed breakdown of its specifications and characteristics.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 1300 µF (1.3 mF) |
| **Voltage Rating** | 2000 VDC |
| **Tolerance** | ±10% (indicated by 'K') |
| **Dielectric Material** | Polypropylene Film (Metallized) |
| **Application Type** | DC-Link / Power Filtering |
| **Mounting Type** | Stud Mount / Cylindrical Case |
---
## Component Breakdown
### 1. Function (DC-Link)
In power conversion systems (like solar inverters or motor drives), the DC-Link capacitor acts as an energy reservoir. It stabilizes the intermediate DC voltage by smoothing out the ripple current generated by the switching action of IGBTs or MOSFETs.
### 2. Key Advantages
* **High Ripple Current Handling:** Designed to manage large amounts of AC current superimposed on the DC voltage without overheating.
* **Self-Healing Properties:** If a dielectric breakdown occurs due to a voltage spike, the metallized layer evaporates around the point of failure, isolating it and allowing the capacitor to continue functioning.
* **Low ESR/ESL:** It features low Equivalent Series Resistance (ESR) and low Equivalent Series Inductance (ESL), which minimizes energy loss and voltage spikes.
### 3. Applications
* **Renewable Energy:** Main bus capacitor in Wind and Solar power inverters.
* **Industrial Drives:** Used in Variable Frequency Drives (VFDs).
* **Transportation:** EV charging stations and traction inverters for electric vehicles.
* **UPS Systems:** Uninterruptible Power Supplies for data centers.
---
## Part Number Decoding (Typical Industry Logic)
While naming conventions vary by manufacturer (such as KEMET, Vishay, or TDK), the code generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **137** | Capacitance code (often 13 x 10^7 pF = 1300 µF) |
| **MDC** | Series designation (Metallized DC-Link) |
| **L** | Voltage rating code (e.g., 2000V) |
| **202** | Specific mechanical or voltage sub-code |
| **K** | Tolerance (K = ±10%) |
| **KG** | Case size or terminal configuration |
---
- ⤷
What are the physical dimensions and mounting requirements for this specific capacitor?
- ⤷ How does a film DC-Link capacitor compare to an electrolytic capacitor in terms of lifespan?
- ⤷ What are the thermal management requirements for 2000VDC capacitors?