135B-R10
AI

Based on the part number **135B-R10**, this typically refers to a high-current, surface-mount (SMD) **Power Inductor**, most commonly manufactured by companies like **Sumida** or similar magnetic component specialists.
Below is a detailed breakdown of its electronic characteristics.
---
### 1. General Specifications
The "135" series generally refers to the physical dimensions of the component, while "R10" indicates the inductance value.
| Parameter | Typical Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 0.10 µH (100nH) | "R" acts as a decimal point. |
| **Tolerance** | ±20% | Standard for power inductors. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **Core Material** | Ferrite | High efficiency, low loss at high frequencies. |
### 2. Key Electrical Features
High-current inductors like the 135B-R10 are designed for high-density power applications.
* **Low DCR (DC Resistance):** Because the inductance is very low (0.10 µH), the internal copper winding is usually thick, resulting in extremely low resistance. This minimizes power loss through heat ($P = I^2R$).
* **High Saturation Current ($I_{sat}$):** These parts are engineered to handle high surges of current without the magnetic core losing its inductive properties.
* **Operating Frequency:** Optimized for high-frequency DC-DC converters (often in the MHz range).
### 3. Physical Dimensions (Typical)
While exact sizes can vary slightly by manufacturer, the "135" series usually follows these approximate metric dimensions:
| Dimension | Measurement (Approx.) |
| :--- | :--- |
| **Length** | 13.0 mm |
| **Width** | 13.0 mm |
| **Height** | 5.0 mm - 6.0 mm |
### 4. Common Applications
Due to its low inductance and high current capacity, the 135B-R10 is primarily used in:
* **Voltage Regulator Modules (VRMs):** Found on computer motherboards and GPUs.
* **DC-DC Buck Converters:** Used to step down voltage in high-power systems.
* **Server Power Supplies:** Where high efficiency and high current density are required.
---
### Internal Structure
```mermaid
graph LR
A[Solder Pad] --- B[Copper Coil]
B --- C[Ferrite Core]
C --- D[Shielding Case]
D --- E[Solder Pad]
```
---
- ⤷What is the maximum current rating for the 135B-R10?
- ⤷ How does R10 compare to a 1R0 inductor in terms of value?
- ⤷ Is the 135B-R10 shielded or unshielded?