công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 1306F-R15J

  • AI
    The **1306F-R15J** is a high-performance **surface-mount power inductor**. It is primarily used in power management circuits where high current handling and low electromagnetic interference (EMI) are required. --- ## 1. Technical Specifications The part number typically breaks down into the following electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.15 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the "J" suffix) | | **Size Code** | 1306 (approx. 13mm x 13mm footprint) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Material Core** | Typically Ferrite or Composite Powder | --- ## 2. Key Features * **High Current Capacity:** Designed to handle significant DC currents without reaching magnetic saturation quickly. * **Low DCR (DC Resistance):** Minimizes power loss and heat generation, increasing the efficiency of the overall circuit. * **Shielded Construction:** Most inductors in this series are magnetically shielded to reduce "crosstalk" with neighboring components and lower EMI. * **High Frequency Performance:** The low inductance value (0.15 µH) makes it ideal for high-speed switching power supplies. --- ## 3. Typical Applications These components are commonly found in the following environments: 1. **DC-DC Converters:** Used as energy storage elements in buck (step-down) or boost (step-up) regulators. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU cards to provide stable power to CPUs/GPUs. 3. **Industrial Power Supplies:** Used in high-reliability power modules. 4. **Telecommunications:** Filtering noise in high-speed data transmission equipment. --- ## 4. Component Identification (Coding) In the part number **1306F-R15J**: * **1306**: Refers to the physical dimensions (Length/Width). * **F**: Often denotes the series or manufacturer-specific material (e.g., Ferrite). * **R15**: Represents the inductance value. The "R" acts as a decimal point ($0.15$). * **J**: Represents the tolerance of $\pm5\%$. (K would be $\pm10\%$, M would be $\pm20\%$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Icat) for this specific inductor size?
    • ⤷ How does the 'J' tolerance compare to standard 'M' tolerance in power circuits?
    • ⤷ What are the recommended soldering profiles for 1306 size SMD inductors?