công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 125CTB-R

  • AI
    ## Technical Overview of the 125CTB-R The **125CTB-R** typically refers to a high-performance **Current Transformer (CT)** or a specific type of **Current Transducer/Sensor** used in industrial power monitoring and electrical distribution systems. ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics found in this series: | Feature | Specification Details | | :--- | :--- | | **Primary Current Rating** | Typically 125 Amperes (Nominal) | | **Output Type** | Secondary current (e.g., 5A or 1A) or Voltage-proportional output | | **Accuracy Class** | Generally Class 0.5 or 1.0 (Industrial grade) | | **Frequency Range** | 50 Hz / 60 Hz | | **Insulation Voltage** | 0.6 kV to 3 kV (depending on specific casing) | | **Mounting Style** | Busbar or Surface Mount | --- ### 2. Electronic Components and Construction The 125CTB-R is not a single semiconductor (like a transistor) but a passive electromagnetic device. Its internal "parts" consist of: 1. **Magnetic Core:** Usually made of laminated silicon steel or nanocrystalline material. This core concentrates the magnetic field generated by the primary conductor. 2. **Secondary Winding:** Multiple turns of thin, insulated copper wire wrapped around the core. The number of turns determines the transformation ratio (e.g., 125:5). 3. **Encapsulation (Casing):** A flame-retardant plastic housing (often UL94V-0 rated) that provides structural integrity and electrical insulation. 4. **Terminals:** Brass or tin-plated screw terminals for connecting the secondary output to a meter or protection relay. 5. **Burden Resistor (Optional):** Some versions include an internal shunt resistor to convert current directly into a low-voltage signal (e.g., 0-5V or 333mV) to prevent open-circuit high-voltage risks. --- ### 3. Applications and Usage This component is used electronically to bridge the gap between high-power circuits and low-power monitoring electronics: * **Power Meters:** Provides the current input data for calculating Kilowatt-hours (kWh). * **Overload Protection:** Signals a circuit breaker or relay if the current exceeds 125A. * **Energy Management Systems (EMS):** Used in factory automation to track machine energy consumption. * **Solar Inverters:** Monitoring the output current flow from the inverter to the grid. ### 4. Safety Considerations * **Open Circuit Risk:** Never disconnect the secondary load while the primary wire is energized. This can induce extremely high voltages across the terminals, leading to component failure or electrical shock. * **Saturation:** Operating significantly above the 125A rating will lead to core saturation, resulting in inaccurate readings and overheating.
    ✨ Follow-up Questions
    • ⤷ What is the exact transformation ratio (e.g.
    • ⤷ 125:5 or 125:1) for your specific model?
    • ⤷ Do you need a wiring diagram for connecting this to a digital power meter?
    • ⤷ Are you looking for a datasheet from a specific manufacturer like Crompton or Hammond?