1229AS-H-R68N
AI

The **1229AS-H-R68N** is a specific part number for a fixed surface-mount (SMD) power inductor. This component is part of the **DEM2815C** series, originally manufactured by **Murata Manufacturing** (formerly Toko).
---
### 1. Technical Specifications
The part number encodes specific electrical and physical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±30% |
| **DC Resistance (DCR)** | 32 mΩ (Max) |
| **Rated Current (Isat)** | 3.3 A (Saturation Current) |
| **Rated Current (Itemp)** | 2.9 A (Temperature Rise Current) |
| **Case Size (Metric)** | 3.0 x 2.8 x 1.5 mm |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Characteristics
* **Form Factor:** It is an SMD (Surface Mount Device) component, designed for automated pick-and-place assembly.
* **Shielding:** The "Shielded" construction prevents electromagnetic interference (EMI) from affecting nearby sensitive components, making it ideal for high-density boards.
* **Low Profile:** With a maximum height of 1.5mm, it is suitable for slim electronics like smartphones or tablets.
---
### 3. Common Applications
This inductor is typically used in **DC-DC Converter** circuits to store energy and filter noise. Common use cases include:
* **Mobile Devices:** Power management for smartphones and wearables.
* **Computing:** Local power supply for CPUs or GPUs in laptops.
* **Consumer Electronics:** Digital cameras, portable gaming consoles, and IoT devices.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the typical breakdown for this series is:
1. **1229AS:** Series identifier (Physical dimensions and core type).
2. **H:** Specific internal design or packaging code.
3. **R68:** Inductance value (R represents the decimal point: 0.68 µH).
4. **N:** Tolerance code (N usually denotes ±30%).
- ⤷What are the recommended alternatives for the 1229AS-H-R68N if it's out of stock?
- ⤷ How does the saturation current (Isat) affect the performance of this inductor?
- ⤷ What is the difference between shielded and non-shielded inductors in power circuits?