công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 1226-R

  • AI
    The **1226-R** typically refers to a high-performance **Differential Pressure Transducer** or transmitter, commonly used in HVAC, industrial automation, and medical equipment. Below is a detailed breakdown of its electronic composition and specifications. --- ## 1. Core Electronic Components The device is built using a combination of precision sensing elements and signal-processing circuitry. | Component | Description | | :--- | :--- | | **Piezoresistive Sensor** | The "heart" of the device. It uses a silicon-based diaphragm that changes electrical resistance when physical pressure is applied. | | **ASIC (Application Specific IC)** | A dedicated chip that handles temperature compensation and linearizes the raw output from the sensor. | | **Signal Conditioner** | Amplifies the micro-volt signals from the bridge sensor to a usable industrial standard (e.g., 4-20mA or 0-10V). | | **Voltage Regulator** | Ensures stable operation despite fluctuations in the external power supply (usually supports 12-30 VDC). | | **EMI/RFI Filters** | Protection circuits that prevent electromagnetic interference from affecting the pressure readings. | --- ## 2. Technical Specifications Most 1226-R series modules adhere to the following electronic parameters: ### Electrical Interface * **Supply Voltage:** 18-30 VDC (regulated). * **Output Signal:** Generally a 2-wire 4-20 mA loop or a 3-wire 0-5/0-10 VDC output. * **Loop Resistance:** Maximum 600 Ohms @ 24 VDC. ### Performance Data * **Accuracy:** Typically ±1.0% or ±0.5% Full Scale (FS). * **Response Time:** 250ms (standard), though some digital variants allow for dampening adjustments. * **Thermal Effects:** Compensated range from 0°F to 150°F (-18°C to 65°C). --- ## 3. Circuit Wiring Overview The 1226-R is usually wired in one of two configurations depending on the specific output model: ### 2-Wire (Current Loop) ```text [Power Supply (+)] ----> [1226-R Terminal (+)] [1226-R Terminal (-)] ----> [Controller/PLC Input (+)] [Controller/PLC Ground] ----> [Power Supply (-)] ``` ### 3-Wire (Voltage Output) * **Terminal 1:** Power (+) * **Terminal 2:** Common/Ground (-) * **Terminal 3:** Output Signal (V) --- ## 4. Key Features 1. **Zero/Span Adjustments:** Most units include onboard potentiometers (or digital push-buttons) to calibrate the electronic zero point. 2. **Overpressure Protection:** Electronic safeguards to prevent sensor damage if the pressure exceeds the rated limit (often up to 10 PSI for low-pressure models). 3. **Reverse Polarity Protection:** Prevents the internal electronics from burning out if the positive and negative wires are swapped during installation.
    ✨ Follow-up Questions
    • ⤷ What are the common pressure ranges available for the 1226-R series?
    • ⤷ How do you calibrate the zero-point on this specific transducer?
    • ⤷ What is the difference between the 1226-R and the standard 1226 model?