1210F-R56
AI

The part number **1210F-R56** typically refers to a **Fixed Chip Inductor** (Surface Mount Device - SMD). This component is widely used in power management and signal filtering circuits.
---
### 1. Part Number Breakdown
The naming convention follows industry standards for passive components:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **1210** | Case Size | Dimensions are 0.12 x 0.10 inches (approx. 3.2 x 2.5 mm). |
| **F** | Tolerance | Indicates a tolerance of **±1%** (High precision). |
| **R56** | Inductance Value | "R" acts as a decimal point. Value is **0.56 µH** (Microhenries). |
---
### 2. Technical Specifications
While exact specs vary slightly by manufacturer (such as Fastron or Bourns), a standard 1210F-R56 generally features:
* **Inductance:** 0.56 µH.
* **Tolerance:** ±1% (Standard inductors are often ±10% or ±20%, making 'F' a precision grade).
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Core Material:** Usually Ferrite or Ceramic depending on the frequency range.
* **Packaging:** Tape and Reel for automated pick-and-place machines.
---
### 3. Key Applications
Because this is a low-inductance, high-precision part, it is commonly found in:
1. **RF Circuits:** Used for impedance matching and signal tuning.
2. **Filtering:** Decoupling high-frequency noise in power supply lines (DC-DC converters).
3. **Communication Devices:** Mobile phones, Wi-Fi modules, and GPS receivers.
4. **Automotive Electronics:** Sensors and infotainment systems where space is limited.
---
### 4. Physical Dimensions (Metric 3225)
| Dimension | Measurement (mm) | Measurement (inches) |
| :--- | :--- | :--- |
| **Length (L)** | 3.2 ± 0.3 mm | 0.126" |
| **Width (W)** | 2.5 ± 0.2 mm | 0.098" |
| **Thickness (T)** | ~2.0 - 2.5 mm | ~0.08" |
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷ How does a 1% tolerance affect the performance of an RF circuit?
- ⤷ Are there equivalent parts from different manufacturers like Murata or TDK?