1206SDF-R47
AI

The **1206SDF-R47** is a surface-mount electronic component, specifically a **Surface Mount Inductor** (also known as a Fixed Inductor or Chip Inductor). It is commonly used in high-frequency applications and power management circuits.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specifications of the part:
| Part Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **1206** | Case Size | Imperial dimensions (approx. 3.2mm x 1.6mm) |
| **SDF** | Product Series | Standard Ferrite Chip Inductor (Standard/Signal type) |
| **R47** | Inductance Value | 0.47 µH (Microhenries) |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Bourns), a typical 1206 R47 inductor follows these parameters:
* **Inductance:** 0.47 µH
* **Tolerance:** Typically ±10% or ±20% (K or M)
* **Operating Temperature:** Generally -40°C to +125°C
* **DC Resistance (DCR):** Low resistance to minimize power loss.
* **Saturation Current (Isat):** The maximum current at which the inductance drops by a specific percentage.
---
### 3. Physical Attributes
The **1206** package size is one of the most common standard SMD (Surface Mount Device) footprints.
* **Length:** 3.2 mm (0.126 inches)
* **Width:** 1.6 mm (0.063 inches)
* **Construction:** Usually a multilayer ferrite structure or a wire-wound core encased in resin/ferrite.
---
### 4. Common Applications
Due to its size and inductance value (0.47 µH), this part is frequently found in:
1. **DC-DC Converters:** Used for energy storage and smoothing in small power supplies.
2. **EMI/RFI Filtering:** Acting as a low-pass filter to block high-frequency noise in signal lines.
3. **Mobile Electronics:** Found in smartphones, tablets, and wearables where space is limited.
4. **Decoupling:** Used alongside capacitors to isolate specific circuit stages from noise.
---
### 5. Circuit Symbol and Footprint
In a schematic, this part is represented by the standard inductor symbol:
```text
L1
---(uuuuu)---
0.47uH
```
- ⤷
What is the maximum current rating for this specific inductor model?
- ⤷ How does the 'R47' notation differ from '470' in electronic labeling?
- ⤷ What are the recommended reflow soldering profiles for 1206 SMD components?