công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 11011-R

  • AI
    The term **11011-R** typically refers to a specific electronic component, most commonly associated with **Ceramic Disc Capacitors** or specialized **Power Supply/Inductor** parts, depending on the manufacturer (such as Murata, TDK, or generic industrial suppliers). Below is an overview of the electronic characteristics generally associated with this part number. --- ## 1. Component Overview In the electronics industry, "11011-R" is often a suffix or part of a series for high-voltage or high-frequency components. | Specification | Typical Detail | | :--- | :--- | | **Component Type** | Ceramic Capacitor or Fixed Inductor | | **RoHS Status** | Compliant (Indicated by the **-R** suffix) | | **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) | | **Material** | Ceramic/Ferrite Core | --- ## 2. Technical Breakdown If we analyze the code based on standard industrial labeling: ### A. The "R" Suffix In modern electronics, the **-R** suffix almost universally signifies **RoHS Compliance** (Restriction of Hazardous Substances). This means the part is lead-free and meets environmental safety standards for global distribution. ### B. Electrical Characteristics (Capacitor Context) If the part is a **Ceramic Disc Capacitor** (a common use for this ID): * **Capacitance:** Often represents a specific code (e.g., 100pF to 0.1uF range). * **Voltage Rating:** Usually rated for high voltage (up to 1kV or 2kV) if used in power supplies. * **Tolerance:** Typically ±10% or ±20%. ### C. Electrical Characteristics (Inductor Context) If the part is an **Inductor/Choke**: * **Inductance:** Measured in Microhenries (µH). * **DC Resistance (DCR):** Low resistance to minimize power loss. * **Core Material:** Ferrite, used for noise suppression in EMI filtering. --- ## 3. Common Applications Parts identified as 11011-R are generally found in the following circuits: 1. **Switching Power Supplies (SMPS):** Used for filtering high-frequency noise. 2. **EMI/RFI Filtering:** Acting as a barrier to prevent electromagnetic interference. 3. **Decoupling:** Providing a path to ground for high-frequency signals to protect sensitive ICs. 4. **Lighting Ballasts:** Used in the starting circuits of industrial lighting. --- ## 4. Identification Table | Part Number Component | Meaning | | :--- | :--- | | **11011** | Base Part Number / Series Identifier | | **-R** | RoHS Compliant (Lead-Free) | --- **Note:** Because "11011-R" can be an internal SKU for various manufacturers, it is highly recommended to check the **Manufacturer’s Logo** on the component body to find the exact datasheet (e.g., Vishay, Murata, or Bourns).
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is associated with your specific 11011-R component?
    • ⤷ Are you looking for a replacement or a datasheet for this part?
    • ⤷ Is this part currently installed in a power supply or a communication device?