11009-R
AI

Based on technical specifications for automotive and industrial hardware, the part number **11009-R** most commonly refers to a high-performance **Fuel Injector** (specifically the 1100cc/min series) or a specialized **Gasket/Sensor Housing** depending on the manufacturer (such as DeatschWerks or Kawasaki).
Below is the technical breakdown of the 11009-R electronic fuel injector, which is the most prominent "electronic part" associated with this ID.
---
## Technical Specifications: 11009-R (1100cc Injector)
The 11009-R is a top-feed, high-impedance fuel injector designed for modern engine management systems. It converts electrical signals from the ECU (Engine Control Unit) into precise mechanical fuel pulses.
### 1. Core Electrical Characteristics
| Parameter | Specification |
| :--- | :--- |
| **Coil Resistance** | 12.0 - 12.5 Ohms (High Impedance) |
| **Connector Type** | USCAR (EV6) |
| **Voltage Compatibility** | 8V to 18V |
| **Driver Type** | Saturated (No resistor box required) |
### 2. Flow & Performance
* **Flow Rate:** 1100cc/min at 3.0 Bar (43.5 psi).
* **Spray Pattern:** Wide-angle atomization for improved fuel-air mixing.
* **Latency (Dead Time):** Approximately 1.2ms at 14V (varies by pressure).
---
## Internal Components & Electronic Operation
The "electronic" nature of the 11009-R involves the interaction between an electromagnetic coil and a precision pintle/ball valve.
### A. The Solenoid Coil
Inside the 11009-R, a copper wire coil acts as an electromagnet. When the ECU grounds the circuit, current flows through the coil, creating a magnetic field that pulls the internal plunger upward against a spring.
### B. Pulse Width Modulation (PWM)
The part operates via **Duty Cycle**.
* It is not simply "on" or "off" in a static sense.
* The ECU sends rapid electronic pulses. The longer the "on" time (Pulse Width), the more fuel is delivered.
### C. Compatibility with Control Systems
Because it is **High Impedance (Saturated)**, it can be driven directly by almost any aftermarket or modern factory ECU without the risk of overheating the injector drivers.
---
## Common Applications
1. **High-Performance Tuning:** Used in turbocharged or supercharged engines requiring high fuel volume.
2. **E85 Conversions:** The electronic internals and seals are typically ethanol-compatible.
3. **Industrial Engines:** Certain variants of the 11009-R (Kawasaki series) refer to gaskets or electronic sensor seals used in small-engine voltage regulators.
- ⤷
What is the difference between high impedance and low impedance injectors?
- ⤷ How do you calculate the correct dead time for the 11009-R in an ECU?
- ⤷ Are there specific wiring adapters needed for the 11009-R USCAR connector?