công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10YS-4B0-R

  • AI
    The **10YS-4B0-R** is a specific surface-mount (SMD) electronic component, typically categorized as a **Chip Inductor** or a specialized **Chip Ferrite Bead**. These components are primarily used for noise suppression, signal conditioning, and filtering in high-frequency circuits. ### 1. General Specifications The part number follows a standard industry nomenclature that defines its physical and electrical characteristics. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Chip Inductor / Ferrite Bead | | **Package Size** | 1005 (Metric) / 0402 (Imperial) | | **Mounting Type** | Surface Mount Device (SMD) | | **Impedance/Inductance** | Defined by the "4B0" code (Commonly 4.0 units) | | **Tolerance** | ±10% to ±20% | | **RoHS Compliance** | Yes (Lead-Free) | --- ### 2. Breakdown of the Part Number While naming conventions vary slightly by manufacturer (such as Taiyo Yuden or Samsung), the code generally breaks down as follows: * **10**: Represents the size dimensions. In many series, this refers to the **1005** metric size (1.0mm x 0.5mm), equivalent to **0402** in inches. * **YS**: Denotes the series type (e.g., High-frequency, multilayer, or power application). * **4B0**: The value code. "4" is the significant digit, and "B" often acts as a decimal point or a multiplier, indicating a value like **4.0** (nH or Ohms depending on the specific series). * **R**: Typically indicates the **Packaging Type**, standing for "Tape and Reel" for automated pick-and-place assembly. --- ### 3. Key Applications Parts like the 10YS-4B0-R are essential in modern compact electronics due to their small footprint and efficiency in EMI (Electromagnetic Interference) shielding. 1. **Mobile Devices**: Used in smartphones and tablets to prevent high-frequency noise from interfering with the antenna or processor. 2. **Decoupling**: Filtering power supply lines to ensure clean DC voltage reaches sensitive ICs. 3. **Signal Integrity**: Maintaining the quality of high-speed data signals by suppressing parasitic oscillations. --- ### 4. Technical Advantages * **Miniaturization**: The 0402 footprint allows for high-density PCB designs. * **High Self-Resonant Frequency (SRF)**: Essential for performance in the GHz range. * **Low DC Resistance (DCR)**: Minimizes power loss and heat generation during operation.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the 10YS-4B0-R component?
    • ⤷ What is the specific impedance value at 100MHz for this part?
    • ⤷ Are there direct equivalents in the 0603 package size?