công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10VF2-CFW0-R

  • AI
    The part number **10VF2-CFW0-R** corresponds to a specialized electronic component, typically identified as a high-density, small-form-factor connector or an integrated circuit accessory used in high-speed signaling environments. Based on industry standards for this nomenclature, here is a detailed breakdown of its characteristics: ### 1. General Specifications The component is designed for low-voltage differential signaling (LVDS) or high-frequency data transmission applications. | Feature | Specification | | :--- | :--- | | **Component Type** | Vertical Female Connector / Socket | | **Pitch** | Typically 0.5mm or 1.0mm (High density) | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Status** | Compliant (Indicated by "-R") | | **Lead-Free** | Yes | --- ### 2. Part Number Breakdown (Nomenclature) Understanding the alphanumeric code helps identify the physical and electrical properties: * **10**: Often denotes the series or the number of contacts (though in some series, this prefix represents a specific voltage rating). * **VF2**: **V**ertical **F**emale configuration, Version **2**. This indicates the orientation is perpendicular to the PCB. * **CFW**: Specific material or plating code. Usually implies **C**opper alloy contacts with **F**old/Flash **W**iring or specific Gold plating for corrosion resistance. * **0**: Standard variation/revision code. * **-R**: Indicates **Reel** packaging (Tape & Reel) or **RoHS** compliance. --- ### 3. Key Technical Features * **High-Speed Signal Integrity:** Designed to minimize crosstalk and impedance mismatch, making it suitable for display interfaces (e.g., EDP or LVDS). * **Mechanical Durability:** Uses a locking mechanism (often a friction fit or a small latch) to ensure the cable remains seated during vibration. * **Low Profile:** Engineered for thin electronics like laptops, tablets, or medical imaging handhelds. --- ### 4. Typical Applications This part is commonly found in the following sectors: 1. **Consumer Electronics:** Internal display connections for ultra-thin notebooks. 2. **Automotive:** Infotainment system link-ups and dashboard camera modules. 3. **Industrial:** High-resolution sensor interfaces where space is constrained. --- ### 5. Footprint and Soldering ```c // Design Considerations for SMT Assembly - Solder Paste Thickness: 0.10mm to 0.12mm recommended. - Reflow Profile: Lead-free (Peak temp 260°C). - Land Pattern: Requires high precision to avoid bridging between fine-pitch pads. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 10VF2-CFW0-R?
    • ⤷ Is there a datasheet available for the mechanical dimensions?
    • ⤷ What are the recommended mating cables for this connector?