10VF2-340-R
AI

The **10VF2-340-R** is a specific model of an **EMI/RFI Power Line Filter**. These components are critical in electronic design for suppressing electromagnetic interference (noise) between the power line and the equipment.
### 1. General Specifications
The part number follows a specific naming convention typically used by manufacturers like **TE Connectivity (Corcom)** or similar filter specialists.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | EMI/RFI Power Line Filter |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 120/250 VAC |
| **Operating Frequency** | 50/60 Hz |
| **Termination Style** | Faston (Spade) Terminals or Wire Leads |
| **Mounting** | Flange Mount |
---
### 2. Technical Breakdown
The "VF" series is generally designed for high-performance applications where both differential mode and common mode noise need to be suppressed.
#### A. Filtering Performance
* **Common Mode Noise:** Filters noise between the "line" and "ground." This is often caused by stray capacitance in the power supply.
* **Differential Mode Noise:** Filters noise between "line" and "neutral." This is often caused by switching transistors within the device's power supply.
#### B. Component Composition
Inside the metal casing, the 10VF2-340-R contains a combination of:
* **Inductors (Chokes):** Provide high impedance to high-frequency noise.
* **Y-Capacitors:** Connected from line to ground to bypass common-mode noise.
* **X-Capacitors:** Connected across the lines to bypass differential-mode noise.
* **Resistors:** Bleeder resistors to discharge capacitors when power is removed for safety.
---
### 3. Key Applications
This part is typically found in environments where electronic "noise" could cause malfunctions or where regulatory compliance (like FCC or CE) is required:
* **Industrial Equipment:** Motor controllers and CNC machines.
* **Medical Devices:** Sensitive diagnostic equipment requiring low leakage current.
* **Telecommunications:** Power racks and switching stations.
* **Consumer Electronics:** Large appliances or high-end audio equipment.
---
### 4. Comparison Table: VF Series vs. Standard Filters
| Feature | Standard RFI Filter | 10VF2-340-R (High Performance) |
| :--- | :--- | :--- |
| **Insertion Loss** | Moderate | High (at lower frequencies) |
| **Size** | Compact | Slightly larger due to beefier inductors |
| **Best For** | General purpose noise | Switching power supplies (SMPS) |
- ⤷
What is the maximum leakage current for the 10VF2-340-R?
- ⤷ How do I interpret the '340' segment of the part number?
- ⤷ What are the physical dimensions and mounting hole spacing for this filter?