công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10VF2-330-R

  • AI
    The **10VF2-330-R** is a specific surface-mount (SMD) power inductor, typically part of a series manufactured by companies like **ITG Electronics** or similar magnetic component specialists. ### 1. Technical Specifications This component is designed for high-frequency power applications where space and efficiency are critical. | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 33.0 µH (Microhenries) | | **Tolerance** | ±20% (Standard for power inductors) | | **Current Rating (Isat)** | Approx. 1.5A - 2.5A (Depends on specific series) | | **DC Resistance (DCR)** | Low (optimized for efficiency) | | **Package Type** | SMD (Surface Mount Device) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer, the code generally breaks down as follows: * **10VF:** Refers to the physical series/package size (e.g., a specific footprint like 10mm x 10mm or similar low-profile design). * **330:** Represents the inductance value. In electronics coding, the first two digits are the value and the third is the multiplier (number of zeros). * $33 \times 10^0 = 33 \mu H$. * **R:** Usually indicates "RoHS Compliant" or refers to the packaging style (Tape & Reel). --- ### 3. Key Features & Construction * **Shielded Design:** Most "VF" series inductors are magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components. * **Flat Wire/High Flux:** These parts often use flat-wire windings or high-saturation core materials to handle high current peaks without "saturating" (losing inductance). * **Durability:** Designed for reflow soldering processes and high-vibration environments. --- ### 4. Common Applications The 10VF2-330-R is primarily used in power management circuits: 1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to store energy and smooth output current. 2. **LED Drivers:** Provides constant current regulation for high-brightness lighting. 3. **Noise Filtering:** Acts as a low-pass filter to block high-frequency noise in power supply lines. 4. **Battery Powered Devices:** Common in laptops and tablets due to the low-profile SMD design. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between shielded and unshielded inductors in this series?
    • ⤷ How do I calculate the ripple current for a 33uH inductor in a Buck converter?
    • ⤷ Are there pin-to-pin compatible alternatives for the 10VF2 series?