công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10VF2-030-R

  • AI
    Based on the part number **10VF2-030-R**, this component is a **Power Line EMI/RFI Filter**. It is specifically designed to suppress electromagnetic interference on power lines, ensuring that electronic equipment complies with electromagnetic compatibility (EMC) standards. --- ### 1. Technical Specifications The part number follows a specific nomenclature common in the power electronics industry (often associated with brands like TE Connectivity / Corcom or similar manufacturers). | Parameter | Specification | | :--- | :--- | | **Component Type** | EMI/RFI Power Line Filter | | **Current Rating** | 10 Amperes | | **Voltage Rating** | 250 VAC (Single Phase) | | **Series** | VF Series (High Performance) | | **Mounting Style** | Flange Mount (R-suffix often denotes RoHS compliance) | | **Operating Frequency** | 50/60 Hz | --- ### 2. Key Features * **Dual Stage Filtration:** The "VF" series typically utilizes a multi-stage circuit design to provide high insertion loss over a broad frequency range. * **Noise Suppression:** Effective against both **Common Mode** (noise between line/neutral and ground) and **Differential Mode** (noise between line and neutral). * **Safety Approvals:** Usually carries certifications such as UL recognized, CSA certified, and VDE approved. * **Termination:** Typically features spade terminals (fast-on) or wire leads for easy integration into a chassis. --- ### 3. Circuit Application These filters are placed at the power entry point of a device to perform two primary functions: 1. **Protect the Device:** Preventing high-frequency noise from the AC power grid from interfering with the device’s internal sensitive electronics. 2. **Protect the Grid:** Preventing switching noise generated by the device's own internal power supply from "leaking" back into the main power line. ### 4. Common Use Cases * Switching Power Supplies (SMPS) * Industrial Control Systems * Medical Equipment (where low leakage current is critical) * Telecommunications hardware * Exercise equipment and home appliances ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise in EMI filters?
    • ⤷ How do I calculate the required current rating for an EMI filter?
    • ⤷ What does 'Insertion Loss' mean in the context of the 10VF2-030-R?