công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10TS-846-R

  • AI
    The **10TS-846-R** is a specific part number typically associated with **Tactile Switches** or specialized electromechanical components used in electronic circuits. Below is a detailed technical breakdown of this part. --- ## 1. Component Overview The 10TS-846-R is a miniature **Momentary Tactile Switch**. These components are designed to provide a "click" physical sensation (haptic feedback) to the user when pressed, closing an electrical circuit only while the button is held down. ### Technical Specifications | Feature | Description | |:---|:---| | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD/SMT) or Through-Hole (Model dependent) | | **Actuation Force** | Typically ranges from 100gf to 250gf | | **Contact Rating** | Usually 50mA @ 12VDC | | **Contact Resistance** | < 100 mΩ | | **Operating Life** | ~100,000 to 500,000 cycles | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ## 2. Key Physical Features * **Small Footprint:** Designed for high-density PCB layouts in consumer electronics. * **Tactile Feedback:** Built with a metal dome internally that snaps when pressed, ensuring the user knows the input was registered. * **Materials:** High-temperature plastic housing to withstand reflow soldering processes. --- ## 3. Terminal Configuration Most switches in this series follow a standard pinout for stability: 1. **Terminals 1 & 2:** Internally connected. 2. **Terminals 3 & 4:** Internally connected. 3. **Function:** Pressing the button bridges the connection between the 1/2 pair and the 3/4 pair. --- ## 4. Typical Applications The 10TS-846-R is commonly found in: * **Consumer Electronics:** Remote controls, microwave panels, and digital cameras. * **Computing:** Reset buttons on motherboards or peripheral input buttons. * **Industrial:** Interface panels for machinery and hand-held testing equipment. * **Medical:** Interface buttons for portable diagnostic devices. --- ## 5. Circuit Integration Example To use this switch with a microcontroller (like an Arduino or ESP32), you would typically use a pull-up resistor to prevent a "floating" state. ```cpp // Simple Arduino code to detect a press on 10TS-846-R const int buttonPin = 2; // Pin connected to switch void setup() { pinMode(buttonPin, INPUT_PULLUP); // Use internal resistor Serial.begin(9600); } void loop() { int state = digitalRead(buttonPin); if (state == LOW) { Serial.println("Button Pressed!"); delay(200); // Simple debouncing } } ```
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the 10TS-846-R?
    • ⤷ What is the difference between the 10TS series and standard 6x6mm tactile switches?
    • ⤷ How do I implement hardware debouncing for this switch?