10TS-756-R
AI

The **10TS-756-R** is a specific electronic component primarily identified as a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, industrial controls, and PCB assemblies to provide user input through a physical "click" sensation.
---
### 1. Technical Specifications
The "10TS" series typically follows industry-standard footprints. Below are the common technical characteristics associated with this specific part number:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Through-Hole (THT) |
| **Actuator Style** | Round Button / Plunger |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Operating Force** | 160gf to 250gf (Gram-force) |
| **Termination Style** | PC Pin (Right Angle or Vertical) |
| **Voltage Rating** | 12V DC |
| **Current Rating** | 50mA |
---
### 2. Physical Characteristics
The "756" suffix often refers to the specific dimensions of the switch housing and the height of the actuator (the button itself).
* **Size:** Usually a **6x6mm** square base.
* **Actuator Height:** The "756" designation frequently implies a specific height (e.g., 5.0mm or 7.0mm depending on the manufacturer's internal coding).
* **Tactile Feedback:** Designed to provide a crisp, audible "click" to let the user know the circuit has been closed.
---
### 3. Pin Configuration
Tactile switches like the 10TS-756-R generally have 4 pins, though they only control a single circuit:
```text
Pin 1 ----| |---- Pin 2 (Internally connected)
| |
Pin 3 ----| |---- Pin 4 (Internally connected)
```
* When the button is **pressed**, Pins 1/2 connect to Pins 3/4.
* When the button is **released**, the circuit is broken (Normally Open).
---
### 4. Applications
Because of its small footprint and reliability, this part is commonly found in:
1. **Consumer Electronics:** Volume buttons, power buttons on monitors, or reset buttons.
2. **Embedded Systems:** Input buttons for Arduino or Raspberry Pi projects.
3. **Industrial:** Control panels and membrane keypad interfaces.
4. **Automotive:** Dashboard controls and interior lighting toggles.
---
### 5. Part Number Breakdown (General Pattern)
* **10TS:** Series prefix for Tactile Switches.
* **756:** Dimension/Height code.
* **-R:** Often signifies **RoHS Compliance** (Restriction of Hazardous Substances) or **Reel** packaging.
- ⤷What is the footprint size for the 10TS-756-R on a PCB?
- ⤷ Can this switch be used for AC voltage applications?
- ⤷ What is the expected mechanical lifespan in cycles?