công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10TS-450-R

  • AI
    The **10TS-450-R** typically refers to a high-performance **Tactile Switch** or a specific series of **NTC Thermistors**, depending on the manufacturer (most commonly associated with thermal sensing components or interface switches). In the context of power electronics and temperature sensing—where this part number is most prominent—it is often categorized as a **Negative Temperature Coefficient (NTC) Thermistor**. --- ## 1. Technical Specifications Below are the general electronic characteristics associated with the 10TS series: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | NTC Thermistor (Thermal Resistor) | | **Resistance at 25°C** | 10k Ohms (Typical for '10' prefix) | | **Tolerance** | ±1% to ±5% (Standard) | | **Operating Temperature** | -40°C to +125°C | | **B-Constant** | 3435K to 4500K (depending on sub-series) | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | --- ## 2. Key Electronic Features ### A. Resistance-Temperature Relationship As an **NTC** device, the resistance decreases as the temperature increases. This allows the electronic circuit to monitor temperature changes by measuring the voltage drop across the component. ### B. Sensitivity (The "450" designation) In many coding systems, "450" refers to the **Beta Value (B25/50)**, representing the slope of the resistance-temperature curve. A higher B-value indicates higher sensitivity to temperature changes. ### C. Protective Coating The "-R" suffix often indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is manufactured without lead, mercury, or cadmium. It may also signify a ruggedized resin coating for environmental protection. --- ## 3. Typical Applications The 10TS-450-R is commonly integrated into the following electronic systems: 1. **Battery Management Systems (BMS):** Monitoring the temperature of Li-ion cells during charge/discharge cycles. 2. **HVAC Control:** Sensing ambient air temperature for thermostats. 3. **Power Supplies:** Providing over-temperature protection (OTP) by triggering a shutdown if the circuit overheats. 4. **Consumer Electronics:** Temperature compensation in crystal oscillators or LCD displays. --- ## 4. Basic Circuit Integration To use this part in a microcontroller environment (like Arduino or ESP32), it is typically placed in a **Voltage Divider** circuit. ```cpp // Example: Basic Voltage Calculation for NTC float Vout = analogRead(sensorPin) * (Vcc / 1023.0); float R_ntc = (R_fixed * Vout) / (Vcc - Vout); // Followed by Steinhart-Hart equation to get Temperature in Celsius ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance-temperature curve for the 10TS series?
    • ⤷ How do I calculate the Beta value for this specific thermistor?
    • ⤷ Is the 10TS-450-R available in SMD packaging?