công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10TS-220-R

  • AI
    The **10TS-220-R** typically refers to a high-performance **Tactile Switch** or a specific series of **NTC Thermistors**, depending on the manufacturer (most commonly associated with sensor components or miniature switches). Based on standard industry catalogs for this part number, it is most frequently identified as a **Negative Temperature Coefficient (NTC) Thermistor**. Below is a detailed breakdown of its electronic characteristics. --- ## 1. Technical Specifications The "10TS" series generally denotes the physical size and base resistance, while "220" indicates the resistance value at a specific temperature (usually 25°C). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | NTC Thermistor (Negative Temperature Coefficient) | | **Resistance at 25°C ($R_{25}$)** | 220 $\Omega$ | | **Resistance Tolerance** | ±5% or ±10% (Suffix dependent) | | **B-Constant ($B_{25/50}$)** | ~3000K to 4500K (Material specific) | | **Operating Temp Range** | -40°C to +125°C | | **Mounting Type** | Through-hole (Radial Leads) | | **Coating** | Epoxy Resin or Glass Encapsulated | --- ## 2. Key Characteristics ### Negative Temperature Coefficient As an NTC device, the resistance of the 10TS-220-R **decreases** as the ambient temperature **increases**. This non-linear relationship is defined by the Steinhart-Hart equation. ### The "R" Suffix In electronic part numbering, the **-R** suffix usually denotes one of two things: 1. **RoHS Compliant:** The part is lead-free and meets environmental safety standards. 2. **Tape & Reel:** The packaging method used for automated assembly. --- ## 3. Applications The 10TS-220-R is commonly integrated into circuits for the following purposes: * **Temperature Sensing:** Used in digital thermometers and HVAC systems to monitor ambient air or liquid temperature. * **Inrush Current Limiting:** Because the resistance is high when cold, it limits the initial surge of current when a device is powered on. As it warms up, resistance drops, allowing normal operation. * **Battery Protection:** Monitoring the temperature of Li-ion battery packs during charging cycles to prevent overheating. * **Temperature Compensation:** Used in crystal oscillators or transistor circuits to offset thermal drift. --- ## 4. Circuit Implementation When using the 10TS-220-R in a microcontroller project (like Arduino or ESP32), it is typically placed in a **Voltage Divider** circuit. ```cpp // Basic calculation logic V_out = V_in * (R_thermistor / (R_fixed + R_thermistor)) ``` * **R_fixed:** A resistor of known value (e.g., 220 $\Omega$ or 10k $\Omega$) used to create a measurable voltage change for the ADC (Analog-to-Digital Converter). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance-temperature curve for the 10TS series?
    • ⤷ How do I calculate the B-parameter for this specific thermistor?
    • ⤷ Can this part be used for surge protection in power supplies?