công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10TS-1C6-R

  • AI
    The **10TS-1C6-R** is a specific part number belonging to a series of **Tactile Switches** (Tact Switches). These are small, momentary push-button switches commonly used in consumer electronics, instrumentation, and control panels to provide physical feedback to the user. --- ## 1. Technical Specifications Below are the typical technical parameters for the 10TS-1C6-R series: | Feature | Specification | |:---|:---| | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Actuator Height** | 0.6mm (Approx.) | | **Operating Force** | 160gf to 250gf (Commonly 160gf) | | **Contact Arrangement** | SPST-NO (Single Pole Single Throw, Normally Open) | | **Current Rating** | 50mA | | **Voltage Rating** | 12V DC | | **Dielectric Strength** | 250V AC for 1 minute | --- ## 2. Component Structure The "10TS" series generally follows a standardized construction: 1. **Actuator:** The top button pressed by the user. In the "1C6" variant, this is usually a low-profile flat actuator. 2. **Contact Dome:** A metal snap-dome that provides the "click" feeling (tactile feedback) and completes the circuit when depressed. 3. **Base:** A high-temperature thermoplastic (LCP) capable of withstanding reflow soldering. 4. **Terminals:** Silver-plated or Gold-plated copper alloy for high conductivity and oxidation resistance. --- ## 3. Application Examples Because of its small footprint and Surface Mount Technology (SMT) design, this part is frequently found in: * **Wearables:** Smartwatches and fitness trackers. * **Portable Electronics:** Smartphones, tablets, and remote's volume/power buttons. * **Medical Devices:** Handheld diagnostic tools. * **Computing:** Mouse buttons or reset switches on motherboards. --- ## 4. Land Pattern Layout When designing a PCB for this part, the footprint typically follows a standard 4-pad layout for stability. ```c // Typical Pin Configuration (SPST) // Pins 1 and 2 are internally connected // Pins 3 and 4 are internally connected [ 1 ] --- [ 2 ] <-- Line A | (Switch) | [ 3 ] --- [ 4 ] <-- Line B ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size in millimeters for the 10TS-1C6-R?
    • ⤷ What are the recommended reflow soldering temperature profiles for this switch?
    • ⤷ Are there waterproof (IP67) versions available in this series?