công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10TS-140-R

  • AI
    The **10TS-140-R** typically refers to a high-performance **Crystal Resonator** or an **Oscillator** component (often associated with brands like *Taitien* or similar frequency control manufacturers). These components are critical for providing a stable clock signal in electronic circuits. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this part series: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Frequency** | 10.000 MHz (Common) | The base resonant frequency. | | **Package Type** | SMD (Surface Mount) | Standard miniature ceramic package. | | **Tolerance** | ±10 ppm to ±50 ppm | Frequency deviation at 25°C. | | **Stability** | ±20 ppm to ±100 ppm | Deviation over the operating temperature range. | | **Load Capacitance** | 8pF to 20pF | Required external capacitance for oscillation. | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature range. | --- ### 2. Functional Role in Circuitry The 10TS-140-R acts as the "heartbeat" of a digital system. Its primary functions include: * **Timing Generation:** Provides the reference frequency for Microcontrollers (MCUs) and Digital Signal Processors (DSPs). * **Synchronization:** Ensures that data transmission between different ICs happens at the correct intervals. * **Frequency Synthesis:** Used as a reference for Phase-Locked Loops (PLLs) to create higher clock speeds. --- ### 3. Application Examples Due to its precision and small form factor, it is commonly found in: 1. **Consumer Electronics:** Smartwatches, cameras, and portable gaming devices. 2. **Communication:** Bluetooth modules, Wi-Fi routers, and RF transceivers. 3. **Industrial:** Sensors, PLCs, and automotive control units. --- ### 4. Circuit Implementation To use this part effectively, it is typically connected to the `XTAL_IN` and `XTAL_OUT` pins of an IC. A basic implementation requires two "load capacitors" ($C_1$ and $C_2$) connected to ground. ```c // Pseudo-code representation of initializing a // clock source based on an external crystal void SystemClock_Config(void) { Clock_Source = EXTERNAL_CRYSTAL; // 10TS-140-R Frequency = 10000000; // 10 MHz Status = Enable_Oscillator(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in this part number?
    • ⤷ How do I calculate the correct load capacitors for this crystal?
    • ⤷ What are the common failure modes for SMD crystal resonators?