10S-R1W1D
AI

The part number **10S-R1W1D** is typically associated with **Bite-sized/SMD Reed Relays** or specific **Power Modules**, most notably produced by manufacturers like **Meder Electronic (Standex)** or specialized power supply vendors.
Based on standard electronic component nomenclature, here is the breakdown of its specifications and functionality.
---
## 1. Component Overview
The 10S-R1W1D is generally categorized as a **High-Performance Reed Relay** or a **DC-DC Converter module**, depending on the specific series. In the context of Reed Relays, it is designed for high-density PC board mounting.
### Technical Specifications (General)
| Parameter | Typical Value |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) |
| **Nominal Coil Voltage** | 10V - 12V DC |
| **Max Switching Voltage** | 170V - 200V DC |
| **Max Switching Current** | 0.5 A |
| **Isolation Voltage** | 1.5 kV to 4 kV DC |
| **Package Type** | SIL (Single In-Line) or SMD |
---
## 2. Key Features
* **Hermetically Sealed:** The contacts are sealed in glass, protecting them from dust, humidity, and oxidation.
* **High Speed:** Offers much faster switching times (microseconds) compared to electromechanical relays.
* **Long Life:** Capable of billions of switching cycles due to the lack of mechanical wear in the contact area.
* **Low Power Consumption:** The coil requires very little current to actuate the switch.
---
## 3. Pinout and Internal Logic
While pinouts can vary by manufacturer, the standard 10S series logic follows this structure:
```text
Standard Schematic (Top View):
+-------------------------+
| 1 2 3 4 |
| [ ] [ ] [ ] [ ] |
+---|---|---------|---|---+
| | | |
Coil (+) Contact (Switch)
Coil (-) Contact (Switch)
```
---
## 4. Typical Applications
1. **Telecommunications:** Used for line switching and signal routing.
2. **Test and Measurement:** Ideal for ATE (Automatic Test Equipment) due to low capacitance and high isolation.
3. **Security Systems:** Used in sensor circuits where high reliability is required.
4. **Medical Electronics:** Provides the necessary galvanic isolation between patient-connected circuits and control logic.
- ⤷
What is the exact manufacturer of your 10S-R1W1D component?
- ⤷ Do you need the specific pinout diagram for a PCB layout?
- ⤷ Are you looking for an equivalent replacement part with higher voltage ratings?