công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10RS-5C-R0-R/C01

  • AI
    The part number **10RS-5C-R0-R/C01** typically refers to a high-precision **Thin Film Chip Resistor** or a specialized **Shunt/Current Sensing Resistor**. While nomenclature can vary slightly by manufacturer (such as Susumu, Rohm, or Vishay), the alphanumeric code breaks down specific electrical and physical characteristics. ### 1. Technical Specifications Breakdown The following table decodes the common attributes associated with this part numbering scheme: | Attribute | Specification | Description | | :--- | :--- | :--- | | **Series** | 10RS | Often indicates the physical size (e.g., 0805 or 1206 metric/imperial equivalents) or series type. | | **Resistance Value** | 5C / 5mΩ | Represents the ohmic value. In current sensing, "5C" often denotes 5 Milliohms ($0.005 \Omega$). | | **Tolerance** | R0 / ±0.5% | The allowable deviation from the nominal resistance value. | | **Power Rating** | -R | Usually indicates the power dissipation capability (e.g., 0.5W to 1W). | | **Packaging/Special** | C01 | Manufacturer-specific code for taping/reeling or specific material compliance (RoHS). | --- ### 2. Key Features * **Low Resistance:** Designed for current sensing applications where minimal voltage drop is required. * **High Stability:** Thin film construction ensures low noise and high stability over temperature fluctuations (Low TCR). * **Precision:** The "R0" designation suggests a tight tolerance, making it suitable for power management and battery monitoring. ### 3. Common Applications These components are widely used in circuits where monitoring current flow is critical: * **Battery Management Systems (BMS):** Measuring charge and discharge cycles in Li-ion batteries. * **DC-DC Converters:** Providing feedback for voltage regulation and overcurrent protection. * **Motor Control:** Detecting stall conditions or managing torque via current feedback. * **Automotive Electronics:** Used in Engine Control Units (ECUs) and lighting modules. ### 4. Typical Footprint (SMD) The part is a Surface Mount Device (SMD). Below is a conceptual representation of the solder pad layout: ```text [ Pad A ] [ Pad B ] ________________ ________________ | | | | | Solder |-----| Solder | | Point |Resis| Point | |________________|tor |________________| Body ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the Temperature Coefficient of Resistance (TCR) for this specific series?
    • ⤷ How does a 5mΩ shunt resistor differ from a standard carbon resistor in a circuit?
    • ⤷ Which manufacturers are the primary producers of the 10RS series resistors?