AI

The part number **10PV-2D6-R** typically refers to a high-voltage, high-reliability **Diode** or **Rectifier**, often used in specialized power electronics, aerospace, or industrial high-voltage power supplies.
---
### 1. General Specifications
While specific manufacturers (such as Dean Technology or specialized HV suppliers) may vary slightly, this series generally follows these parameters:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Component Type** | High Voltage Rectifier | Standard recovery or fast recovery diode |
| **Max Peak Inverse Voltage (PIV)** | 10,000V (10kV) | The maximum voltage the diode can withstand in reverse |
| **Average Forward Current ($I_f$)** | ~200mA to 500mA | Varies by mounting/cooling environment |
| **Package Style** | Axial Lead / Molded | Cylindrical epoxy body with wire leads |
| **RoHS Status** | -R Suffix | Typically indicates "RoHS Compliant" |
---
### 2. Breakdown of Part Number Syntax
Most high-voltage components use a functional coding system:
* **10**: Represents the voltage rating. In this context, it usually signifies **10kV**.
* **PV**: Often stands for "Power Voltage" or is a specific manufacturer series designation for high-voltage silicon rectifiers.
* **2D6**: This internal code usually specifies the chip geometry, current rating (e.g., 200mA range), and recovery speed.
* **-R**: Indicates compliance with environmental standards (RoHS - Restriction of Hazardous Substances).
---
### 3. Key Technical Characteristics
#### A. Electrical Performance
* **Low Leakage:** These diodes are designed to have extremely low reverse leakage current to prevent thermal runaway at high voltages.
* **Series Stacking:** Internally, these parts often consist of multiple diode "dice" stacked in series to achieve the 10kV rating.
* **Voltage Drop:** Because of the internal series stack, the forward voltage drop ($V_f$) is much higher than a standard diode (typically 10V to 15V).
#### B. Physical Construction
* **Encapsulation:** High-dielectric epoxy resin to prevent arcing across the surface of the component.
* **Lead Finish:** Usually tinned copper leads for easy soldering onto PCBs or high-voltage terminal blocks.
---
### 4. Common Applications
Due to its high voltage rating, the **10PV-2D6-R** is found in:
* **X-Ray Machines:** Powering the vacuum tube anodes.
* **Laser Power Supplies:** High-voltage ignition circuits.
* **Electrostatic Precipitators:** Used in industrial air filtration.
* **CRT Monitors/Displays:** Legacy high-voltage flyback circuits.
---
### 5. Circuit Symbol and Implementation
In a schematic, it is represented as a standard diode, but designers must account for the high voltage clearance (creepage and clearance distances).
```markdown
(Anode) ----|>|---- (Cathode/Band)
10kV Diode
```
- ⤷
What is the maximum forward voltage drop for the 10PV-2D6-R?
- ⤷ Are there specific mounting requirements to prevent arcing at 10kV?
- ⤷ Can this diode be used in high-frequency switching power supplies?