AI

The **10PV-2B0-R** typically refers to a high-performance **Piezoelectric Diaphragm (Buzzer element)** or a specific series of pressure-sensitive components, often manufactured by companies like Murata or similar electronic ceramic specialists.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
Piezoelectric components convert electrical energy into mechanical vibrations (sound) or vice versa. The "10PV" designation usually indicates the diameter and series type.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | External Drive Piezoelectric Diaphragm |
| **Diameter** | 10mm |
| **Resonant Frequency** | 6.0 kHz ± 1.0 kHz |
| **Resonant Impedance** | 500 Ω ~ 1000 Ω Max |
| **Capacitance** | 10,000 pF ± 30% (at 120Hz) |
| **Operating Temperature** | -20°C to +70°C |
| **Base Material** | Brass or Stainless Steel |
---
## 2. Construction and Working Principle
The device consists of a thin ceramic disc bonded to a metal plate (the diaphragm).
* **Piezoelectric Ceramic:** When an alternating voltage is applied, the ceramic expands and contracts.
* **Metal Plate:** Since the ceramic is bonded to the metal, the expansion causes the entire plate to bend or "buckle," creating sound waves in the surrounding air.
* **Feedback Electrode:** Some models in this series include a third terminal for "self-drive" oscillation circuits, though the "2B0" variation often refers to a standard two-terminal setup.
---
## 3. Circuit Integration
Since these are **External Drive** components, they do not have a built-in oscillation circuit. You must provide a square or sine wave to produce sound.
### Example Driving Circuit (Transistor Switch)
```cpp
// Logic for driving a Piezo via a Microcontroller (e.g., Arduino)
void setup() {
pinMode(9, OUTPUT); // Connect to Base of NPN Transistor
}
void loop() {
tone(9, 6000); // Send 6kHz square wave (Resonant Frequency)
delay(500);
noTone(9);
delay(500);
}
```
---
## 4. Common Applications
* **Consumer Electronics:** Alarm clocks, calculators, and digital watches.
* **Medical Devices:** Heart rate monitors or portable diagnostic beepers.
* **Industrial:** Confirmation "clicks" on control panels or safety warning signals.
* **Sensors:** Can be used in reverse as a vibration sensor or knock sensor.
---
- ⤷What is the difference between an external drive and an internal drive piezo buzzer?
- ⤷ How do I calculate the optimal driving voltage for this component?
- ⤷ Can the 10PV-2B0-R be used as a vibration sensor?