10PP-280-R
AI

The **10PP-280-R** is an electronic component primarily classified as a **Rectifier Diode** or a high-power diode assembly, depending on the specific manufacturer (often associated with industrial power supply components or specialized automotive rectifiers).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "10PP" series typically refers to technical parameters related to peak inverse voltage and current handling.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Rectifier Diode |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | ~10 Amperes (Series dependent) |
| **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 280 - 400 Volts |
| **Configuration** | Single Junction or Press-fit |
| **Polarity** | Standard (Anode to Case) or Reverse (indicated by -R) |
### 2. Key Electronic Features
* **Reverse Polarity (-R suffix):**
In the 10PP-280-R, the **"R"** usually signifies **Reverse Polarity**. In standard diodes, the cathode is typically connected to the case/stud. In a reverse polarity model, the **Anode** is connected to the case. This allows for easier mounting on heat sinks that serve as the positive terminal of a circuit.
* **High Surge Current Capability:**
Designed to handle brief spikes in current (IFSM) without failing, which is critical for inductive loads or motor starts.
* **Low Forward Voltage Drop ($V_F$):**
Optimized to minimize power loss as heat during the conduction phase, typically ranging between 0.9V and 1.1V.
### 3. Physical Construction
The physical design is usually tailored for high-vibration and high-temperature environments:
1. **Housing:** Often a "Press-fit" or "Stud-mount" metal housing for direct heat dissipation.
2. **Encapsulation:** Hermetically sealed or rugged epoxy to protect the silicon wafer from moisture and contaminants.
3. **Leads:** Heavy-duty wire or terminal lugs to carry high current.
### 4. Common Applications
Due to its robust nature, the 10PP-280-R is commonly found in:
* **Battery Chargers:** Converting AC mains to DC for charging systems.
* **Alternators:** Used in the rectifier bridge of automotive or industrial generators.
* **Power Supplies:** Serving as a flyback diode or main rectification stage in industrial DC power units.
* **Welding Equipment:** Handling high-current DC output.
---
### Summary Table: 10PP-280 vs. 10PP-280-R
| Feature | 10PP-280 (Standard) | 10PP-280-R (Reverse) |
| :--- | :--- | :--- |
| **Case Connection** | Cathode (-) | Anode (+) |
| **Current Direction** | Case to Lead | Lead to Case |
| **Voltage Rating** | 280V | 280V |
- ⤷What is the maximum operating temperature for the 10PP-280-R?
- ⤷ Can this diode be used in a bridge rectifier circuit?
- ⤷ What are the mounting torque requirements for stud-mount versions?