công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10LCS-2G0-R

  • AI
    The **10LCS-2G0-R** is a specific surface-mount electronic component, typically categorized as a **Chip Inductor** or a **Common Mode Choke**, often used in high-frequency signal processing and power management. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (like Sumida or similar inductive component specialists). Below are the typical technical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter | | **Inductance** | 2.0 $\mu$H (represented by "2G0") | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | ±20% (Standard for "LCS" series) | | **Operating Temperature** | -40°C to +125°C | | **RoHS Status** | Compliant (indicated by "-R") | ### 2. Physical Characteristics The "10LCS" prefix generally refers to the case size or the specific series design: * **Form Factor:** Compact footprint designed for automated pick-and-place assembly. * **Material:** Usually features a ferrite core with copper windings, encapsulated in a heat-resistant resin or ceramic base. * **Termination:** Lead-free (Matte Tin) plating for environmental compliance. ### 3. Key Functions and Applications This component is primarily used to manage **Electromagnetic Interference (EMI)** and ensure signal integrity. * **Noise Suppression:** It filters out high-frequency noise in DC/DC converters and power supply lines. * **Signal Integrity:** Used in high-speed data lines to suppress common-mode noise without degrading the differential signal. * **Common Applications:** * USB and HDMI interface filtering. * Automotive electronics (infotainment and sensors). * Portable consumer electronics (smartphones/tablets). ### 4. Part Number Breakdown * **10LCS:** The series identifier (often dictates size and core type). * **2G0:** The inductance value ($2.0 \times 10^0$ or $2.0 \mu$H). * **-R:** Indicates RoHS compliance and Tape & Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 10LCS-2G0-R?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?
    • ⤷ What are the equivalent alternative parts from other manufacturers?