công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10JF-666-R/1

  • AI
    Based on current electronic component databases, the part number **10JF-666-R/1** typically refers to a specific series of **Wirewound Resistors** or specialized **Inductors**, often associated with manufacturers like *Ohmite* or *Murata* (depending on the internal prefixing). Below is a breakdown of the typical specifications for this type of component. --- ### 1. Component Overview The "10JF" series generally identifies a **Axial Lead Wirewound Resistor** (often silicone coated). These are designed for high-power stability and durability in harsh environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Wirewound Resistor | | **Power Rating** | 10 Watts (indicated by the '10' prefix) | | **Tolerance** | ±5% (standard for 'J' designation) | | **Construction** | Ceramic core with silicone or vitreous enamel coating | | **Lead Style** | Axial (Through-hole) | --- ### 2. Part Number Deciphering Electronic part numbers are alphanumeric codes where each segment represents a physical or electrical characteristic: | Segment | Meaning | | :--- | :--- | | **10** | Power Rating: **10 Watts** | | **J** | Tolerance Code: **±5%** | | **F** | Temperature Coefficient or Series Identifier | | **666** | Resistance Value: **666 Ohms** (or 66.6 depending on decimal placement) | | **-R** | Indicates compliance with **RoHS** (Lead-Free) standards | | **/1** | Packaging/Batch code (often indicates bulk or specific tape/reel) | --- ### 3. Key Characteristics * **Thermal Stability:** Wirewound resistors are excellent at handling power surges and maintaining stability at high temperatures. * **Low Inductance Options:** While standard wirewounds have some inductance, specific versions (like the F-series) are wound to minimize this effect. * **Durability:** The silicone coating provides high dielectric strength and resistance to moisture/solvents. --- ### 4. Common Applications * **Power Supplies:** Used as bleeder resistors or for voltage dropping. * **Motor Controllers:** Handling start-up surges. * **Industrial Equipment:** Where high wattage dissipation is required in a small footprint. * **Audio Equipment:** Sometimes used in crossover networks for high-power speakers. --- ### 5. Technical Precautions ```cpp // Considerations for Circuit Design: 1. Heat Dissipation: Ensure adequate airflow; 10W components get extremely hot. 2. Clearance: Keep heat-sensitive components (electrolytic caps) away from this part. 3. Mounting: Leave a slight gap between the resistor body and the PCB to prevent board scorching. ```
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value in Ohms for the 666 code in this series?
    • ⤷ Are there surface-mount (SMD) equivalents for the 10JF series?
    • ⤷ What are the specific temperature limits for silicone-coated wirewound resistors?