công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10AP-A20-R

  • AI
    The **10AP-A20-R** is a specific part number belonging to a series of electronic components, typically associated with **Thermal Cut-Off (TCO) Fuses** or **Thermal Protectors**. These are safety devices designed to break an electrical circuit when the temperature exceeds a specific threshold. --- ### 1. General Specifications The part number follows a standard naming convention for thermal protection components. Below is a breakdown of the typical characteristics for this class of device: | Feature | Description | | :--- | :--- | | **Component Type** | Thermal Cut-Off (TCO) / Thermal Fuse | | **Rated Temperature ($T_f$)** | Usually indicates a cutoff around **100°C to 105°C** (Series dependent) | | **Current Rating** | Typically **10 Amperes** (indicated by the "10A" prefix) | | **Voltage Rating** | Generally rated for **125V AC / 250V AC** | | **Terminal Style** | Radial (R-suffix often denotes lead configuration) | --- ### 2. Functional Description The 10AP-A20-R acts as a "one-shot" safety fuse. Unlike a circuit breaker, once it trips due to heat, it cannot be reset and must be replaced. * **Mechanism:** It contains a heat-sensitive organic pellet or a low-melting-point alloy. * **Trigger:** When the ambient temperature reaches the rated limit, the internal element melts, allowing a spring-loaded contact to open the circuit. * **Purpose:** To prevent fires or catastrophic damage in appliances if a thermostat fails or a motor stalls. --- ### 3. Common Applications These parts are found in various household and industrial electronics: * **Small Appliances:** Coffee makers, rice cookers, and irons. * **HVAC Equipment:** Fan motors and heaters. * **Power Supplies:** Transformers and battery chargers to prevent overheating during charging cycles. --- ### 4. Technical Precautions When replacing or designing with a 10AP-A20-R, consider the following: 1. **Mounting:** Since these are heat-sensitive, they should not be soldered too close to the body. Excessive heat from a soldering iron can trigger the fuse during installation. Mechanical crimping is often preferred. 2. **Orientation:** Ensure the device is in direct thermal contact with the component it is protecting. 3. **Replacement:** Always replace with an identical temperature and current rating. Using a fuse with a higher temperature rating could bypass the safety protection. ---
    ✨ Follow-up Questions
    • ⤷What is the exact melting temperature of the 10AP-A20-R?
    • ⤷ Can this component be used in DC circuits as well as AC?
    • ⤷ What are the recommended mounting methods to avoid accidental triggering?