công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 1025FA2.5-R

  • AI
    The **1025FA2.5-R** is a specific type of electronic component, primarily categorized as a **Surface Mount Device (SMD) Fast-Acting Fuse**. It is designed for overcurrent protection in compact electronic circuits. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Technical Specifications The part number "1025FA2.5-R" can be decoded to understand its electrical properties: | Feature | Specification | | :--- | :--- | | **Series** | 1025FA | | **Current Rating** | 2.5 Amperes | | **Voltage Rating (AC/DC)** | 250V AC / 125V DC (typical for this series) | | **Fuse Type** | Fast-Acting (FA) | | **Package / Case** | 1025 (inches) / 2512 (metric) | | **Termination** | Surface Mount (SMD) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Characteristics The **1025** designation refers to the physical dimensions of the component. * **Dimensions:** Approximately 10.0mm x 2.5mm (0.39 inches x 0.10 inches). * **Body Material:** Usually ceramic or glass-fiber reinforced body to withstand high temperatures and prevent arcing. * **Terminals:** Silver-plated or tin-plated brass end caps for reliable soldering. --- ### 3. Functional Behavior * **Fast-Acting (FA):** This fuse is engineered to open (blow) very quickly when an overcurrent occurs. Unlike "Slow-Blow" fuses, it does not tolerate brief power surges or inrush currents. It is used to protect sensitive semiconductor components. * **Interrupting Rating:** This represents the maximum current the fuse can safely stop without physically exploding or arcing. For the 1025FA series, this is typically around 50A at its rated voltage. --- ### 4. Common Applications Due to its small footprint and fast response time, the 1025FA2.5-R is commonly found in: 1. **LCD Monitors and TVs:** Protecting backlight inverters. 2. **Power Supplies:** Secondary side protection for DC-DC converters. 3. **Industrial Equipment:** Control boards where space is limited. 4. **Medical Devices:** Protecting sensitive sensor circuitry. --- ### 5. Identification Marking The component usually has a laser-marked code on the body. For the 2.5A version, it is often marked with **"2.5"** or a specific letter code (like **T**) depending on the manufacturer's branding (often Eaton/Bussmann). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this fast-acting fuse and a slow-blow fuse of the same rating?
    • ⤷ Can this fuse be used in automotive 12V applications?
    • ⤷ Who are the primary manufacturers for the 1025FA series?