công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10236-R21TS

  • AI
    The **10236-R21TS** is a high-performance connector manufactured by **3M**. It belongs to the **MDR (Mini Delta Ribbon)** series, which is a standard for high-speed, high-density digital data transmission. --- ### ## 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Connector Type** | Receptacle (Female Socket) | | **Number of Positions** | 36 Pins | | **Mounting Type** | Through Hole, Right Angle (PCB Mount) | | **Pitch** | 0.050" (1.27 mm) | | **Contact Plating** | Gold (typically 30µ") | | **Termination** | Solder | | **Locking Mechanism** | Threaded M2.5 (Standard for R21TS) | | **Current Rating** | 1.0 A | | **Voltage Rating** | 150 V AC/DC | --- ### ## 2. Key Features and Design The suffix **R21TS** specifically identifies the mounting and shielding configuration: * **Mini Delta Ribbon (MDR):** Uses ribbon-style contacts rather than pins to provide a more reliable connection with less risk of bending. * **Right Angle Orientation:** Designed to sit flat on a Printed Circuit Board (PCB), with the mating face perpendicular to the board. * **Shielding:** Features a metal shroud that provides EMI/ESD protection, essential for high-speed data integrity. * **Board Locks:** Typically includes grounding tabs or "harpoons" to secure the connector to the board during the soldering process. --- ### ## 3. Common Applications This part is widely used in industrial and professional electronics due to its durability and high-speed capabilities: 1. **Camera Link:** This is the standard connector for industrial machine vision cameras. 2. **LVDS Interfaces:** Used for high-speed differential signaling in displays and sensors. 3. **Industrial Automation:** Connecting PLCs to high-density peripheral devices. 4. **Medical Equipment:** Used in imaging systems where shielded data transmission is critical. --- ### ## 4. Material Construction * **Insulator:** High-temperature thermoplastic (suitable for wave soldering). * **Contact Material:** Copper Alloy for high conductivity. * **Shell:** Steel or Die-cast Zinc with Nickel plating for corrosion resistance and grounding.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R21TS and the R20TS versions?
    • ⤷ Are there specific soldering temperature recommendations for this 3M connector?
    • ⤷ What cable assembly is compatible with the 10236-R21TS for Camera Link applications?