1008F-R24K
AI

The **1008F-R24K** is a specific part number for a **Surface Mount (SMD) Wire-wound Chip Inductor**. These components are widely used in radio frequency (RF) circuits for filtering, impedance matching, and resonance.
---
### 1. Technical Specifications
The part number follows a standardized naming convention. Here is the breakdown of its technical parameters:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Case Size** | 1008 (2520 Metric) | Dimensions: 0.10 x 0.08 inches (2.5 x 2.0 mm). |
| **Inductance** | 0.24 µH (240 nH) | The "R24" denotes 0.24. |
| **Tolerance** | ±10% | Indicated by the "K" suffix. |
| **Core Material** | Ferrite / Ceramic | High-frequency performance material. |
| **Mounting Type** | SMD/SMT | Designed for automated pick-and-place assembly. |
---
### 2. Component Breakdown
The 1008F-R24K belongs to the "Wire-wound" family. Unlike multilayer inductors, wire-wound versions consist of a copper wire wrapped around a core.
* **High Q Factor:** Because it uses actual wire, it has lower DC resistance (DCR) and a higher Quality (Q) factor compared to multilayer types, making it efficient for RF signals.
* **SRF (Self-Resonant Frequency):** This component is designed to operate effectively up to a specific frequency limit before it starts behaving like a capacitor.
* **Current Rating:** It is rated for a specific maximum DC current (typically in the range of 200mA to 600mA depending on the specific manufacturer like Coilcraft or Gowanda).
---
### 3. Common Applications
Due to its size and inductance value (240 nH), this part is commonly found in:
1. **Mobile Communications:** Signal tuning in smartphones and tablets.
2. **RF Filters:** Band-pass or Low-pass filters in wireless transmitters.
3. **Impedance Matching:** Ensuring maximum power transfer between an antenna and a transceiver.
4. **Broadband Hardware:** Cable modems and high-speed routers.
---
### 4. Part Number Decoding
If you are looking at different variations, here is how to read the code:
* **1008**: The physical footprint (Length x Width).
* **F**: Often denotes the series or core type (e.g., Ferrite).
* **R24**: The value. "R" acts as a decimal point. $R24 = 0.24 \mu H$.
* **K**: Tolerance code. ($J = 5\%$, $K = 10\%$, $M = 20\%$).
- ⤷
What is the difference between a ferrite core and a ceramic core in 1008 inductors?
- ⤷ How do I calculate the Self-Resonant Frequency (SRF) for this part?
- ⤷ Are there smaller footprint alternatives for a 240nH inductor?