công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 1008F-R10

  • AI
    The **1008F-R10** is a specific part number for a **Surface Mount (SMT) Inductor**, commonly used in radio frequency (RF) and high-frequency circuit designs. --- ## 1. Technical Specifications The part number follows a standard industry naming convention. Below are the typical parameters for the `1008F-R10`: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Case Size** | 1008 | Dimensions: approx. 0.10 x 0.08 inches (2.5 x 2.0 mm). | | **Inductance** | 0.10 µH (100 nH) | "R10" indicates the decimal point: R10 = 0.10. | | **Type** | Wire-wound | Constructed using a ceramic or ferrite core wrapped with copper wire. | | **Tolerance** | ±5% to ±10% | "J" usually indicates 5%, "K" indicates 10% (depending on full suffix). | | **Mounting Type** | SMD/SMT | Surface Mount Device for PCB assembly. | --- ## 2. Part Number Breakdown Understanding the code helps identify variants: * **1008**: The physical footprint (EIA standard size). * **F**: Often denotes the series (e.g., Ferrite core or specific manufacturer series like Fastron). * **R10**: The value code. "R" acts as a decimal point in Microhenries (µH). --- ## 3. Key Applications Because of its small size and specific inductance value (100nH), this component is typically found in: 1. **Mobile Communications**: Signal filtering in smartphones and tablets. 2. **RF Circuits**: Used for impedance matching and resonance in wireless modules (Wi-Fi, Bluetooth). 3. **Broadband/CATV**: High-frequency signal processing. 4. **Decoupling**: Filtering high-frequency noise from power lines in sensitive circuits. --- ## 4. Performance Characteristics * **High Q Factor**: Wire-wound inductors of this size usually offer a high Quality (Q) factor, meaning they have low energy loss at high frequencies. * **SRF (Self-Resonant Frequency)**: This part is designed to operate below its SRF to ensure it behaves as an inductor and not a capacitor. * **DCR (DC Resistance)**: Typically low to minimize heat generation and voltage drop across the component.
    ✨ Follow-up Questions
    • ⤷ What is the significance of a wire-wound core versus a multilayer core for this inductor?
    • ⤷ How does the 'R10' value change if I need 1.0 \u00b5H instead?
    • ⤷ Which manufacturers commonly produce the 1008F series?