công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 1008CP-R20

  • AI
    The **1008CP-R20** is an electronic component known as a **Wirewound Chip Inductor**. It is part of the "1008" series, which refers to its physical dimensions in inches (0.10 x 0.08 inches). These components are widely used in Radio Frequency (RF) and telecommunications circuits. --- ## 1. Technical Specifications The part number "R20" indicates the inductance value, and the "CP" usually denotes the series type (often referring to specific plating or core material). | Feature | Specification | | :--- | :--- | | **Inductance** | 200 nH (Nanohenries) | | **Case Size** | 1008 (Metric: 2520) | | **Tolerance** | Usually ±5% or ±10% (depending on specific suffix) | | **Core Material** | Ceramic (High Q at high frequencies) | | **DC Resistance (DCR)** | Low (typically < 1.0 Ohm) | | **Self-Resonant Frequency** | High (useful for RF filtering) | --- ## 2. Key Characteristics * **Wirewound Construction:** It consists of a wire coiled around a ceramic core. This provides much higher **Q factors** (quality factor) compared to multilayer or thin-film inductors. * **High Q Factor:** This ensures minimal energy loss in high-frequency applications, making it ideal for tuning and filtering. * **Compact Footprint:** The 1008 size is small enough for modern PCB designs while still being large enough to handle moderate current. --- ## 3. Common Applications Due to its high-frequency performance, the 1008CP-R20 is typically found in: * **RF Transceivers:** Used in matching circuits for antennas. * **Wireless Communication:** Essential in Wi-Fi, Bluetooth, and cellular modules. * **Filters:** Used in Band-pass and Low-pass filters to remove noise from signals. * **Oscillators:** Provides frequency stability in LC tank circuits. --- ## 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **1008** | Physical size (0.10" x 0.08") | | **CP** | Series designation (e.g., High Current or Ceramic Core) | | **R20** | Inductance value (R = decimal point; R20 = 0.20 µH or 200 nH) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific inductor?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor?
    • ⤷ Can you provide the footprint dimensions in millimeters for a 1008 package?