công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 10-R0126PA025SC-M629F40

  • AI
    The part number **10-R0126PA025SC-M629F40** refers to a high-power **IGBT (Insulated Gate Bipolar Transistor) Module**, typically manufactured by companies like **Vincotech**. These modules are designed for power conversion in industrial environments. --- ### 1. Technical Specification Breakdown Based on standard nomenclature for this series, here is the breakdown of the technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | IGBT Power Module | | **Circuit Configuration** | PIM (Power Integrated Module) or Six-pack with Brake | | **Voltage Rating** | Typically 600V or 1200V (depending on series sub-codes) | | **Current Rating** | 25A (indicated by the '025' in the string) | | **Housing/Package** | flow 1 or flow 0 (compact, low-inductance housing) | | **Substrate** | Alumina (Al2O3) or AlN for thermal conductivity | --- ### 2. Key Components Inside the Module This module is an integrated solution, meaning it contains several electronic parts within a single housing: 1. **Three-Phase Inverter:** Six IGBTs with freewheeling diodes to convert DC to AC. 2. **Brake Chopper:** An additional IGBT and diode used to dissipate energy during motor braking. 3. **Rectifier Bridge:** A diode bridge to convert incoming AC power to DC. 4. **NTC Thermistor:** An internal temperature sensor used for thermal protection and monitoring. --- ### 3. Application Areas These modules are engineered for high efficiency and high switching frequencies. Common uses include: * **Industrial Drives:** Controlling the speed and torque of electric motors. * **Solar Inverters:** Converting DC power from panels into grid-compliant AC. * **Uninterruptible Power Supplies (UPS):** Managing power flow during outages. * **Embedded Drives:** Compact motor control integrated directly into machinery. --- ### 4. Critical Ratings | Parameter | Value (Typical) | | :--- | :--- | | **$V_{CES}$ (Collector-Emitter Voltage)** | 600V / 1200V | | **$I_C$ (Continuous Collector Current)** | 25A @ $T_c = 80^\circ C$ | | **$V_{CE(sat)}$ (Saturation Voltage)** | ~1.5V - 2.0V | | **Mounting** | Solder pins or Press-fit pins |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M629F40 variant?
    • ⤷ How does the NTC thermistor integrate with the external controller for thermal protection?
    • ⤷ What are the recommended heat sink requirements for a 25A load?