1-HA-R
AI

The **1-HA-R** is a specific part number typically associated with high-precision **SMD (Surface Mount Device) Resistors**, most commonly produced by manufacturers like **KOA Speer** or **Panasonic** within their professional-grade series.
---
### 1. Technical Specifications
The code "1-HA-R" generally breaks down into specific electrical characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Fixed Resistor | Passive electronic component |
| **Size Code** | 0603 (Inch) / 1608 (Metric) | Standard surface mount footprint |
| **Resistance Value** | Variable | "R" often acts as a decimal point or indicates Ohms |
| **Tolerance** | ±0.05% to ±0.1% | Ultra-precision grade |
| **Power Rating** | 0.1W (1/10 Watt) | Standard for 0603 size at 70°C |
| **Temperature Coefficient** | ±5ppm/°C to ±50ppm/°C | High stability against heat fluctuations |
---
### 2. Key Features
The "HA" series designation usually refers to **High Reliability** or **High Accuracy** variants. Key features include:
* **Thin Film Technology:** Unlike standard thick film resistors, these use thin film deposition for tighter tolerances and lower noise.
* **AEC-Q200 Compliance:** Often qualified for automotive use, meaning they can withstand high vibration and thermal shock.
* **Anti-Sulfuration:** Many parts in this series are designed to resist corrosion in harsh environments (sulfur gas exposure).
* **Low Noise:** Excellent signal-to-noise ratio, making them ideal for audio and measurement circuits.
---
### 3. Common Applications
Due to its high precision and stability, the 1-HA-R series is found in:
1. **Automotive Electronics:** Control units (ECUs), braking systems, and battery management.
2. **Medical Equipment:** Monitoring devices and diagnostic tools requiring high signal integrity.
3. **Industrial Automation:** Precision sensors and PLC (Programmable Logic Controller) inputs.
4. **Telecommunications:** Base station equipment and high-frequency communication modules.
---
### 4. Typical Identification Example
If you are looking at a full part number (e.g., `RN73H1JTTD1001B25`), the **1-HA-R** elements represent:
* **1:** Size / Power rating.
* **HA:** Thermal stability and reliability grade.
* **R:** Packaging (e.g., Taped & Reeled).
- ⤷
Which manufacturer datasheet are you referencing for this part?
- ⤷ Do you need help calculating the power dissipation for this resistor in a specific circuit?
- ⤷ Are you looking for an equivalent replacement for a 1-HA-R component?