0YK-366-R
AI

The **0YK-366-R** is a specific electronic component belonging to the **Tactile Switch** family. It is a momentary pushbutton switch designed for low-power signal switching in consumer electronics and industrial controls.
### 1. Technical Specifications
The following table highlights the primary electrical and mechanical characteristics of the 0YK-366-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Circuitry** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Voltage Rating** | 12V DC (Typical) |
| **Current Rating** | 50mA |
| **Mounting Style** | Through-hole (THT) |
| **Actuation Force** | ~160gf to 250gf (Commonly 160gf) |
| **Dimensions** | 6mm x 6mm (Base) |
| **Plunger Height** | 5mm (Standard for the -366 series) |
---
### 2. Physical Construction
The 0YK-366-R is built with several key materials to ensure tactile feedback and durability:
* **Actuator (Button):** Usually made of hard plastic (black or colored), this is the part the user presses.
* **Cover:** Metal plate that secures the internal mechanism.
* **Contact Dome:** A stainless steel or phosphor bronze dome that provides the "click" sound and completes the electrical circuit when compressed.
* **Terminals:** Four pins (usually grouped in pairs) for PCB mounting. Two pins are electrically connected to provide mechanical stability.
* **Base:** Heat-resistant molded resin.
---
### 3. Key Features and Applications
The "R" suffix in the part number often denotes **RoHS compliance** (Restriction of Hazardous Substances), meaning it is manufactured without lead or other toxic materials.
#### Common Applications:
* **Consumer Electronics:** Volume buttons, power switches on appliances, and remote controls.
* **Computer Peripherals:** Reset buttons on motherboards or function keys on keyboards.
* **Industrial:** Interface panels for CNC machines or diagnostic tools.
* **Prototyping:** Widely used in Arduino/Raspberry Pi projects due to its breadboard-friendly pin spacing.
---
### 4. Typical Footprint (6x6mm)
```text
Top View
+-----------+
| ( O ) | <-- Actuator
| |
+-----------+
| | | | <-- 4 Terminals
```
- ⤷
What is the lifecycle rating (number of presses) for the 0YK-366-R?
- ⤷ How does the 'Normally Open' circuit behavior differ from 'Normally Closed' in tactile switches?
- ⤷ Can this switch be used for high-voltage AC applications?