0TK-236-R
AI

The **TK-236-R** is a specific electronic component kit or module assembly often associated with specialized industrial controls or hobbyist electronics (frequently used in the context of radio-frequency or remote control modules).
Below is a breakdown of the typical electronic parts and specifications associated with this part number.
---
### 1. Component Specifications
The "TK" series usually refers to a transmitter or transceiver module. The "R" suffix often indicates a **Receiver** unit or a **RoHS compliant** revision.
| Feature | Specification |
| :--- | :--- |
| **Type** | RF Receiver / Controller Module |
| **Operating Voltage** | Typically 3V to 12V DC |
| **Frequency Range** | Usually 315MHz or 433MHz (Application dependent) |
| **Modulation** | ASK (Amplitude Shift Keying) or OOK |
| **Output Type** | Digital Logic (High/Low) or Relay Control |
---
### 2. Internal Electronic Architecture
The module is composed of several key stages. Here is the functional breakdown:
#### A. The RF Front End
* **Antenna Terminal:** A point where a 1/4 wave wire is soldered to capture signals.
* **Tuning Circuit:** Often uses a LC (Inductor-Capacitor) oscillator or a SAW (Surface Acoustic Wave) filter to stabilize the frequency.
#### B. The Integrated Circuit (IC)
The heart of the TK-236-R is typically a decoder IC. Common chips used in these modules include:
* **PT2272:** A remote control decoder that pairs with a PT2262 transmitter.
* **Operational Amplifiers:** Used to boost the weak incoming radio signal before it is processed by the logic chip.
#### C. Passive Components
* **SMD Resistors/Capacitors:** Used for timing (setting the oscillation frequency) and noise filtering.
* **Transistors:** Often used as switches to drive external loads like LEDs or Relays.
---
### 3. Pinout Configuration
Most modules in this series follow a standard 4 to 7-pin layout:
| Pin Number | Label | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | Positive Power Supply |
| 2 | **GND** | Ground |
| 3 | **DATA** | Digital output of the received signal |
| 4 | **ANT** | Connection point for the antenna |
---
### 4. Typical Application Example
To use this in a circuit (such as with an Arduino), the following logic is applied:
```cpp
// Example: Reading data from a TK-series receiver
int dataPin = 7;
void setup() {
pinMode(dataPin, INPUT);
Serial.begin(9600);
}
void loop() {
int signal = digitalRead(dataPin);
if (signal == HIGH) {
Serial.println("Signal Received");
}
}
```
---
- ⤷
What is the specific frequency (MHz) of your TK-236-R module?
- ⤷ Are you looking for a wiring diagram to connect this to a microcontroller?
- ⤷ Is this part of a specific manufacturer's remote control system?