công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0S-R

  • AI
    It appears you are referring to the **0S-R**, which is commonly identified as a specific series or component type in high-precision connectors (often by brands like **LEMO**) or specific industrial sensor modules. In the context of high-end electronics, "0S" usually refers to the **shell size** and "R" refers to the **fixed coupler or socket type**. --- ## 1. Core Specifications of 0S-R Connectors These parts are designed for reliability in medical, aerospace, and high-end audio environments. | Feature | Description | | :--- | :--- | | **Shell Size** | 0S (Smallest standard size, approx. 9mm diameter) | | **Connection Type** | Circular Push-Pull self-latching | | **Contact Gender** | Usually Female (Socket) for the 'R' designation | | **Shielding** | 360° EMC shielding to prevent signal interference | | **Durability** | Typically rated for >5000 mating cycles | --- ## 2. Key Electronic Characteristics The internal electronic parts of a 0S-R assembly are engineered for signal integrity. ### A. Contact Configuration The 0S-R can house different types of inserts: * **Unipole:** For high voltage or single power lines. * **Multipole:** Ranging from 2 to 6 pins for data transmission. * **Coaxial:** For high-frequency RF signals (50Ω or 75Ω). ### B. Materials and Conductivity * **Insulator:** Usually PEEK (Polyetheretherketone), which offers high heat resistance and excellent dielectric properties. * **Contacts:** Gold-plated brass or bronze to ensure low contact resistance and prevent oxidation. * **Housing:** Chrome-plated brass for mechanical strength and grounding. --- ## 3. Typical Pinout and Assembly When working with these electronic parts, the assembly involves: 1. **Solder Cup / PCB Pins:** The rear of the 0S-R component features terminals where wires are soldered or pins are pressed into a PCB. 2. **Grounding Tag:** A specific tab to ensure the cable shield is electronically bonded to the device chassis. 3. **Keying System:** Most 0S-R parts use a "hermaphroditic" or "half-moon" insert to prevent incorrect alignment. --- ### Use Cases in Industry * **Medical:** Patient monitoring sensors. * **Audio/Visual:** High-end microphone connections. * **Test/Measurement:** Laboratory equipment requiring stable low-voltage readings.
    ✨ Follow-up Questions
    • ⤷What is the difference between 0S and 1S series connectors?
    • ⤷ How do I wire a 0S-R multipole socket for data transmission?
    • ⤷ What are the voltage ratings for 0S-R coaxial inserts?