0JR-36-R/
AI

The **0JR-36-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Fuse** or a **Zero-Ohm Jumper**, often manufactured by companies like Bel Fuse.
Below is a detailed breakdown of its specifications, functionality, and technical characteristics.
---
### 1. Component Overview
The "0JR" series usually denotes a **Zero-Ohm Jumper** in a resistor-style package. These are used to bridge connections on a Printed Circuit Board (PCB) where a standard trace cannot be used or where optional circuit configurations are needed.
| Feature | Specification |
| :--- | :--- |
| **Type** | Zero-Ohm Jumper / Chip Resistor |
| **Package Size** | 0603 (Inches) / 1608 (Metric) |
| **Resistance** | < 0.05Ω (Maximum) |
| **Current Rating** | Typically 1A to 2A (depending on thermal conditions) |
| **Operating Temp** | -55°C to +155°C |
| **Termination** | Matte Tin (Pb-Free) |
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **0JR**: Series identifier (Zero-ohm Jumper Resistor).
* **36**: Represents the packaging/quantity or a specific physical dimension code (often associated with 0603 sizing in specific catalogs).
* **R**: Indicates compliance with **RoHS** (Lead-free) standards and "Tape & Reel" packaging.
### 3. Key Applications
Electronic engineers use the 0JR-36-R for several practical reasons:
1. **PCB Configuration:** Acting as a "switch" that can be populated or left empty to enable/disable specific board features without redesigning the PCB.
2. **Crossover:** Jumping over another copper trace on a single-layer board.
3. **Automated Assembly:** Using a standard pick-and-place machine to install a jumper rather than using a manual wire link.
### 4. Technical Specifications Table
| Property | Value |
| :--- | :--- |
| **Power Rating** | 0.1W (1/10 Watt) |
| **Max DC Current** | 2.0 Amps |
| **Dielectric Withstanding Voltage** | 100V - 500V (depending on substrate) |
| **Composition** | Thick Film on Ceramic substrate |
---
### 5. Implementation Considerations
* **Voltage Drop:** Even though it is "Zero-Ohm," there is a negligible resistance (usually <50mΩ). In high-precision analog circuits, this tiny voltage drop should be accounted for.
* **Soldering:** Designed for Reflow or Wave soldering. The "R" suffix ensures the plating is compatible with modern lead-free solder pastes.
- ⤷
What is the maximum current capacity of the 0JR-36-R before failure?
- ⤷ How does a zero-ohm jumper differ from a standard low-ohm resistor?
- ⤷ Can this component be used as a fuse in a circuit design?