công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0FA10-R

  • AI
    The **0FA10-R** typically refers to a specific type of **Surface Mount (SMT) Fast-Acting Fuse**, often manufactured by companies like Littelfuse or specialized electronic component vendors. It is designed to protect delicate electronic circuits from overcurrent conditions. --- ### 1. Key Technical Specifications The "0FA10-R" part number usually decodes to a specific amperage and form factor. Below are the general specifications for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Fast-Acting Surface Mount Fuse | | **Package / Case** | 0603 (1608 Metric) or 1206 | | **Current Rating** | 10 Amperes (indicated by the "10") | | **Voltage Rating** | Typically 24V - 32V DC | | **Interrupt Rating** | 35A - 50A @ Rated Voltage | | **RoHS Status** | Lead-Free and Compliant (indicated by "-R") | --- ### 2. Functional Characteristics * **Fast-Acting:** Unlike "slow-blow" fuses, this part is designed to open almost instantly when the current exceeds its threshold. This is critical for protecting sensitive semiconductors. * **Low Resistance:** It features low internal resistance to minimize power dissipation and voltage drop across the component. * **Small Footprint:** The compact size allows it to be used in high-density PCB designs like smartphones or laptops. --- ### 3. Common Applications Because of its 10A rating and fast-acting nature, it is commonly found in: 1. **Battery Management Systems (BMS):** Protecting cells from short circuits. 2. **Laptops/Tablets:** Primary protection for power input rails. 3. **LCD Monitors:** Protection for inverter circuits or backlight drivers. 4. **Gaming Consoles:** Guarding internal power distribution boards. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: | Prefix/Code | Meaning | | :--- | :--- | | **0F** | Series Identifier (Fast-Acting) | | **A** | Package size or mounting style | | **10** | **10 Ampere** Current Rating | | **-R** | **RoHS Compliant** (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 10A fuse and a 10A slow-blow fuse?
    • ⤷ How do I test if a 0FA10-R fuse is blown using a multimeter?
    • ⤷ Can I replace a 0FA10-R with a higher voltage rated fuse of the same amperage?