công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0AP-H10-R

  • AI
    The **0AP-H10-R** is a specific technical component primarily associated with **CUI Devices** (formerly CUI Inc). This part number identifies a **thermal management solution**, specifically an **extruded aluminum heat sink** designed for use with standard semiconductor packages. --- ### 1. Technical Specifications The "H10" series indicates specific dimensions and thermal resistance properties. Below are the typical specifications for this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum Alloy (6063-T5) | | **Finish** | Black Anodized | | **Mounting Type** | Through-hole (Solder pins) | | **Package Compatibility** | TO-218, TO-220, TO-247 | | **Thermal Resistance** | ~10°C/W to 15°C/W (Natural Convection) | | **RoHS Compliant** | Yes | --- ### 2. Physical Design and Construction The 0AP-H10-R is engineered to maximize surface area for heat dissipation within a small footprint. * **Extruded Fins:** The vertical "fins" increase the surface area contact with the surrounding air, facilitating faster cooling. * **Solderable Pins:** The "R" in the suffix often denotes the inclusion of integrated pins. These allow the heat sink to be soldered directly into the PCB, providing mechanical stability and ensuring the component stays aligned with the transistor. * **Thermal Interface:** Usually, a thermal pad or thermal grease is applied between the electronic component (like a MOSFET) and the heat sink to eliminate air gaps. --- ### 3. Functional Role in Electronics The primary purpose of the 0AP-H10-R is **thermal regulation**. In high-power circuits, components like voltage regulators or power transistors generate significant heat. 1. **Heat Transfer:** It draws heat away from the junction of the semiconductor. 2. **Reliability:** By keeping the operating temperature within safe limits, it prevents "thermal runaway" and extends the lifespan of the device. 3. **Space Efficiency:** Its vertical orientation is ideal for dense PCB layouts where horizontal space is limited. --- ### 4. Common Applications This part is frequently found in: * **Power Supplies:** Cooling switching transistors and rectifiers. * **Motor Controllers:** Managing heat in H-bridge MOSFETs. * **Audio Amplifiers:** Dissipating heat from power output stages. * **Industrial Automation:** Used in DIN-rail mounted power equipment.
    ✨ Follow-up Questions
    • ⤷What is the specific thermal resistance of the 0AP-H10-R under forced air cooling?
    • ⤷ Which mounting hardware is recommended for attaching a TO-220 package to this heat sink?
    • ⤷ Are there alternative finishes available other than black anodized for this series?