công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0AP-A21-R

  • AI
    The part number **0AP-A21-R** typically refers to a **USB 2.0 interface connector**, specifically a High-Speed Female SMT (Surface Mount Technology) component often used in consumer electronics, automotive infotainment systems, and industrial interfaces. --- ### 1. Technical Specifications Below is a breakdown of the standard electrical and physical properties for this type of component: | Feature | Specification | | :--- | :--- | | **Connector Type** | USB 2.0 Type A (Standard) | | **Gender** | Female (Receptacle) | | **Mounting Type** | SMT (Surface Mount) / Right Angle | | **Current Rating** | ~1.5A per contact | | **Voltage Rating** | 30V AC/DC | | **Contact Resistance** | 30 mΩ Max | | **Operating Temp** | -40°C to +85°C | | **Compliance** | RoHS Compliant | --- ### 2. Physical Design and Pinout The "A21" designation often implies a specific physical footprint or shell design (such as a slim-line or reinforced outer shield). * **Shell:** Usually made of Stainless Steel or Nickel-plated Copper alloy for durability and EMI shielding. * **Pins:** 4 standard pins for USB 2.0 functionality: 1. **VCC** (+5V Power) 2. **D-** (Data Minus) 3. **D+** (Data Plus) 4. **GND** (Ground) * **Retention:** Often features "Kinked" or "Through-hole" side tabs for mechanical stability on the PCB to prevent the connector from being ripped off during cable insertion/removal. --- ### 3. Common Applications This part is widely used in hardware development due to its balance of size and durability: 1. **Consumer Electronics:** Power banks, charging stations, and laptops. 2. **Automotive:** Dashboard USB ports for smartphone integration (CarPlay/Android Auto). 3. **Industrial:** PLC communication ports and diagnostic interfaces. 4. **IoT Devices:** Gateway devices requiring a standard USB-A interface for peripherals. --- ### 4. PCB Layout Considerations When using the 0AP-A21-R in a design, engineers must consider: * **Differential Pairs:** The D+ and D- lines should be routed as 90-ohm differential pairs to maintain signal integrity. * **ESD Protection:** It is highly recommended to place an ESD protection diode array near the connector to prevent static discharge from damaging the internal ICs. * **Thermal Relief:** Ensure the ground tabs are connected to a solid ground plane for heat dissipation and EMI shielding.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the 0AP-A21-R part number?
    • ⤷ Can you provide a footprint diagram for an SMT USB-A connector?
    • ⤷ What are the differences between USB 2.0 and USB 3.0 physical connectors?