công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 082-6092-RFX

  • AI
    The part number **082-6092-RFX** refers to a high-quality **BNC Straight Crimp Plug** manufactured by **Amphenol RF**. It is specifically designed for use with RG-174, RG-188, and RG-316 coaxial cables. ### Technical Specifications Below are the primary electronic and mechanical specifications for this component: | Feature | Specification | | :--- | :--- | | **Connector Type** | BNC Male (Plug) | | **Body Style** | Straight | | **Impedance** | 50 Ohm | | **Frequency (Max)** | 4 GHz | | **Contact Termination** | Solder | | **Shell Termination** | Crimp | | **Cable Type** | RG-174, RG-188, RG-316 | | **Mounting Type** | Free Hanging (In-Line) | --- ### Component Materials The "RFX" suffix typically denotes Amphenol’s commercial grade line, which offers a balance between high performance and cost-effectiveness. * **Body Material:** Brass * **Body Finish:** Nickel plating (provides corrosion resistance). * **Contact Material:** Brass or Phosphor Bronze. * **Contact Plating:** Gold (ensures low contact resistance and prevents oxidation). * **Insulator:** Delrin or PTFE (Polymer with excellent dielectric properties). --- ### Applications This connector is widely used in the electronics industry for RF (Radio Frequency) signal transmission: 1. **Test and Measurement:** Used in oscilloscopes and signal generators. 2. **Telecommunications:** Used for low-power signal routing and base station equipment. 3. **Antenna Systems:** Connection points for WLAN or GPS antennas using thin coaxial cables. 4. **Medical Equipment:** Monitoring devices requiring secure, quick-connect RF shielding. ### Assembly Details To properly install the **082-6092-RFX**, a standard crimping tool is required for the outer ferrule. The center pin is usually soldered to the cable's center conductor to ensure maximum signal integrity at high frequencies.
    ✨ Follow-up Questions
    • ⤷ What are the specific crimp tool dimensions required for this connector?
    • ⤷ How does a 50 Ohm BNC connector differ from a 75 Ohm version in physical construction?
    • ⤷ Are there waterproof versions of this BNC connector available for outdoor use?